Electronic Components Datasheet Search
  English  ▼

X  

DKT30CMHSDPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT30CMHSDPD
Description  USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CMHSDPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT30CMHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Interface
USB 3.2 Gen 1
Bus Type
USB-C
USB Pass-Through
Yes
Chipset ID
VIA Labs - VL102
VIA Labs - VL817
Parade - PS176
NOREL Systems - NS1081C
Performance
Maximum Data Transfer
Rate
5Gbps
Maximum Digital
Resolutions
4K 30Hz
Type and Rate
USB 3.2 Gen 1 - 5 Gbit/s
Memory Media Type
SD/MMC (Secure Digital/Multimedia Card)
microSD (Micro Secure Digital)
Connector(s)
External Ports
1 - HDMI 1.4
1 - USB 3.2 Type-A (9 pin, Fast-Charge)
1 - SD / MMC Slot
1 - MicroSD
1 - USB Type-C (Fast-Charge, 24 pin) USB 3.2
Host Connectors
1 - USB 3.2 Type-C (24 pin, Gen 1, 5Gbps)
Software
OS Compatibility
macOS High Sierra (10.13), macOS Mojave (10.14), macOS
Catalina (10.15), macOS Big Sur (11.0)
macOS Monterey (12.0)
Windows 8, Windows 10, Windows 11, Chrome OS, iPadOS,
Android,
Special Notes /



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com