Electronic Components Datasheet Search
  English  ▼

X  

DKT30CMHSDPD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT30CMHSDPD
Description  USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CMHSDPD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT30CMHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Power
Power Source
Bus Powered and Host USB-C Power Adapter
Power Delivery
100W
Power Consumption (In
Watts)
8W
Environmental
Operating Temperature
0 to +70
Storage Temperature
-10 to +55
Humidity
5% to 90 % RH (no condensation)
Physical
Characteristics
Product Length
1.4 in [3.5 cm]
Product Width
4.5 in [11.3 cm]
Product Height
0.4 in [1.0 cm]
Weight of Product
2.8 oz [78.0 g]
Packaging
Information
Package Quantity
1
Package Length
6.7 in [17.0 cm]
Package Width
5.6 in [14.2 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
5.1 oz [145.0 g]
What's in the Box
Included in Package
1 - USB Type-C Multiport Adapter
1 - Quick-Start Guide



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com