Electronic Components Datasheet Search
  English  ▼

X  

DKT30CMHSDPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CMHSDPD
Description  USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CMHSDPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CMHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Applications
Features
• 5-IN-1 FUNCTIONALITY: USB-C multiport adapter with HDMI 4K 30Hz video output, USB 3.1/3.2 Gen 1 Hub
5Gbps with 1x USB-A (BC 1.2 fast charge) and 1x USB-C (Power + Data), SD and MicroSD (SD) card reader slots,
and 100W Power Delivery
• CABLE-FREE USB-C HOST CONNECTION: Built-in retractable USB-C connector w/ a sliding switch for a tighter
cableless connection on MacBook Pro 2018/2019, MacBook Air 2020 (Intel processor/M1 chip); designed to use 1
port, leaving a TB3 port for accessories
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through with 8W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 92W for laptop charging
• PORTABLE & COMPACT: Docking station with slim design for easy transport in laptop bag with USB-C port
conveniently recessed away, or optionally left connected to laptop for convenient on-the-go use, business travel or
work from home
• WIDE COMPATIBILITY: Automatic driver installation for easy setup, this universal USB Type-C multiport adapter
supports all major operating systems like Windows, macOS, iPadOS, Chrome OS; works w/ Thunderbolt 3 and
USB-C tablets, Chromebooks, and laptops
Hardware
Warranty
3 Years
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com