Electronic Components Datasheet Search
  English  ▼

X  

DKT30CMHSDPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30CMHSDPD
Description  USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CMHSDPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30CMHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CMHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB C Multiport Adapter for MacBook Pro/Air - USB Type-C to 4K HDMI, 100W Power Delivery
Pass-through, SD/MicroSD Slot, 2-Port USB 3.0 Hub - Portable USB-C Mini Dock
Product ID: DKT30CMHSDPD
This USB-C multiport adapter with HDMI turns your Macbook Pro, Macbook Air (including M1s), Google Pixelbook
and other USB-C tablets and laptops into a workstation, anywhere you go. The USB Type-C multiport adapter
provides 4K 30Hz HDMI video output, a USB Type-C port (data/power), one USB 3.2 Gen 1 Type-A (5Gbps) ports,
an SD and MicroSD (uSD) Card Reader, all through a single connection to your laptop's USB-C or Thunderbolt 3
port.
It offers advanced charging through USB 100W Power Delivery 3.0 and eliminates the need for an attached cable
with a retractable USB-C connection hat connects directly to your USB-C host without the need for an attached cable.
The portable docking station supports a single HDMI monitor up to 4K 30Hz (3840 x 2160p) to create a powerful
workstation. It can also connect to an ultrawide monitor.
The USB-C to USB 3.2 Gen 1 hub gives you one USB-C port and one USB-A port (BC 1.2 charging port) to connect
your latest and legacy USB devices.
Access your multimedia content with ease. The multiport adapter provides direct access to your SD, SDHC and
SDXC memory cards or microSD cards.
With support for USB Power Delivery 3.0 (up to 100W), the USB Type-C multiport adapter lets you power and charge
your laptop, and power your peripherals when connected to a USB-C power adapter. The multiport adapter itself
reserves 8W leaving up to 92W of power for charging.
The DKT30CMHSDPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop's USB-C port must support USB Power Delivery.
Certifications, Reports and Compatibility


Similar Part No. - DKT30CMHSDPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHPD3 STARTECH-DKT30CHPD3 Datasheet
149Kb / 4P
USB C Multiport Adapter - USB-C to HDMI 2.0b 4K 60Hz (HDR10), 100W Power Delivery Pass-Through, 4-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD STARTECH-DKT30CHSDPD Datasheet
139Kb / 5P
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
DKT30CHVAUSP STARTECH-DKT30CHVAUSP Datasheet
147Kb / 5P
USB C Multiport Adapter - USB-C Mini Travel Dockw/ 4K HDMI or 1080p VGA - 3x USB 3.0 Hub, SDCard Reader, GbE, Audio, 100W PD - Portable Docking Station for Laptop/Tablet
DKT30CHVPD2 STARTECH-DKT30CHVPD2 Datasheet
151Kb / 5P
USB-C Multiport Adapter - USB-C to 4K 30Hz HDMI or 1080p VGA - USB Type-C Mini Dock w/100W Power Delivery Passthrough, 3-Port USB Hub 5Gbps, GbE - 12" (30cm) Attached Cable
More results

Similar Description - DKT30CMHSDPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U460-002-2AM-C TRIPPLITE-U460-002-2AM-C Datasheet
496Kb / 2P
2-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x2) USB-A, USB-C Charging Port and Micro SD & SD/MMC Reader
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com