Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM2M Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # HD2DPMM2M
Description  2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM2M Datasheet(HTML) 3 Page - StarTech.com Ltd.

  HD2DPMM2M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 3Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Certifications, Reports
and Compatibility
Applications
•
Use in your boardroom or office workstations for installations
requiring 2 m (6.6 ft.) of cable
•
Connect your HDMI computer to a DisplayPort monitor
•
Viewing video footage from your HDMI source on a DisplayPort
monitor
Features
•
Provides a convenient plug-and-play solution with no additional
cables required
•
Active HDMI to DisplayPort conversion transmits high-definition audio
and video from your computer to a DP monitor
•
Deliver astonishing picture quality with support for video resolutions
up to Ultra HD 4K
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com