Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM2M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HD2DPMM2M
Description  2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM2M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HD2DPMM2M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 3Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
Product ID: HD2DPMM2M
This 2 m (6ft.) HDMI to DisplayPort cable with USB power lets you connect an HDMI video source, such as
your laptop, desktop, Blu-ray™ player, or camera, to a DisplayPort monitor or projector without the need
for additional video cables. The adapter cable features male connectors enabling you to connect your
video source directly to the display, with no need for additional adapters or cables.
Convenient Connectivity
The active HDMI 1.4 to DisplayPort 1.2 converter cable offers plug-and-play installation, providing a
hassle-free setup with no software or drivers to install. The adapter is powered via a USB port, avoiding
the need for an extra power adapter.
Astonishing picture quality
With support for 4K at 30Hz, you get a sharp, crisp picture that’s richer and more true-to-life than
traditional HD, with far greater detail. The HDMI to DisplayPort Adapter cable delivers Ultra HD content to
your DisplayPort monitor and supports 7.1 channel surround sound audio.
www.startech.com
1 800 265 1844


Similar Part No. - HD2DPMM2M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HD2DPMM3M STARTECH-HD2DPMM3M Datasheet
92Kb / 3P
3 m (9.8 ft.) HDMI to DisplayPort Cable - 4K 30Hz
More results

Similar Description - HD2DPMM2M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-H TRIPPLITE-U444-006-H Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @30Hz, 6 ft.
P580-020 TRIPPLITE-P580-020 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 20-ft.
P580-025 TRIPPLITE-P580-025 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 25-ft.
P582-003 TRIPPLITE-P582-003 Datasheet
162Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 3-ft.
P582-006 TRIPPLITE-P582-006 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 6-ft.
P582-010 TRIPPLITE-P582-010 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 10-ft.
P567-01M TRIPPLITE-P567-01M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 1 m (3.3 ft.)
P567-02M TRIPPLITE-P567-02M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 2 m (6.6 ft.)
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com