Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM2M Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # HD2DPMM2M
Description  2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM2M Datasheet(HTML) 4 Page - StarTech.com Ltd.

  HD2DPMM2M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 3Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
2 Years
Hardware
Active or Passive Adapter
Active
Audio
Yes
AV Input
HDMI - 1.4
AV Output
DisplayPort
Performance
Audio Specifications
DisplayPort - 7.1 Channel Audio
Supported Resolutions
DisplayPort: 3840x2160 (4K) / 30Hz
Additional resolutions and refresh rates may be supported
Video Revision
HDMI 1.4
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - HDMI (19 pin) Male Input
Connector B
1 - DisplayPort (20 pin) Male Output
Power
Power Source
USB-Powered
Environmental
Humidity
5~90% RH (Non-condensing)
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-10°C to 55°C (14°F to 131°F)
Physical
Characteristics
Color
Black
Material
Plastic
Product Height
10.600
Product Length
78.7 in [200 cm]
Product Width
20.900
Weight of Product
120.000
Packaging
Information
Package Height
20.000
Package Length
200.000
Package Width
227.000
Shipping (Package) Weight
131.200
What's in the Box
Included in Package
1 - HDMI to DisplayPort Cable
Product appearance and specifications are subject to change without notice.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com