Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM2M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HD2DPMM2M
Description  2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM2M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HD2DPMM2M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 3Page - StarTech.com Ltd. HD2DPMM2M Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The HDMI to DisplayPort adapter is backward compatible with 1080p and 1440p displays, which makes it
a great accessory to future-proof your existing setup for 4K video.
The Choice of IT Pros Since 1985
StarTech.com conducts thorough compatibility and performance testing on all our products to ensure we
are meeting or exceeding industry standards and providing high-quality products to IT Professionals. Our
local StarTech.com Technical Advisors have broad product expertise and work directly with our
StarTech.com Engineers to provide support for our customers both pre and post-sales.
The HD2DPMM2M is backed by a StarTech.com 2-year warranty and free lifetime technical support.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com