Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 13 Page - YAGEO Corporation

Part # 07D
Description  RoHS compliant & Halogen free
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

07D Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button 07D Datasheet HTML 5Page - YAGEO Corporation 07D Datasheet HTML 6Page - YAGEO Corporation 07D Datasheet HTML 7Page - YAGEO Corporation 07D Datasheet HTML 8Page - YAGEO Corporation 07D Datasheet HTML 9Page - YAGEO Corporation 07D Datasheet HTML 10Page - YAGEO Corporation 07D Datasheet HTML 11Page - YAGEO Corporation 07D Datasheet HTML 12Page - YAGEO Corporation 07D Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
13
Product Specification
07D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Quantity
Packaging Dimensions (Unit: mm)
Quantity
Exposure in bulk
250 Max.
125 Max.
1000pcs/bag
4bags/box
Cut the feet in bulk
245 Max.
65 Max.
1000pcs/bag
4bags/box
Tape & Box
340 Max.
60 Max.
1500pcs/box
(180K~391K)
1000pcs/box
(431K~821K)
Tape & Reel
365 Max.
60 Max.
30±1
Φ365 Max.
55 Max.
2000pcs/reel
(180K~331K)
1500pcs/reel
(361K~821K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com