Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 07D
Description  RoHS compliant & Halogen free
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

07D Datasheet(HTML) 3 Page - YAGEO Corporation

  07D Datasheet HTML 1Page - YAGEO Corporation 07D Datasheet HTML 2Page - YAGEO Corporation 07D Datasheet HTML 3Page - YAGEO Corporation 07D Datasheet HTML 4Page - YAGEO Corporation 07D Datasheet HTML 5Page - YAGEO Corporation 07D Datasheet HTML 6Page - YAGEO Corporation 07D Datasheet HTML 7Page - YAGEO Corporation 07D Datasheet HTML 8Page - YAGEO Corporation 07D Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
13
Product Specification
07D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Dimensions
D
K≤3.0
d
D
K≤3.0
d1
T
O Type
d
e
F
F Type
D
d
F
T
Table 1
Unit: mm
Table 2
Unit: mm
Symbol
Dimension
Model
T
e
Model
T
e
H
7.5~12.0
180K
1.5~4.5
1.3
241K
2.1~4.6
2.0
H1
9.0~13.5
220K
1.6~4.6
1.4
271K
2.1~4.9
2.2
L(min.)
20.0
270K
1.6~4.7
1.6
301K
2.2~5.0
2.3
L1(min.)
15.0
330K
1.7~4.9
1.5
331K
2.2~5.1
2.3
D
7.0~9.0
390K
1.6~4.8
1.6
361K
2.4~5.2
2.5
F(±0.8)
5.0
470K
1.7~4.9
1.7
391K
2.5~5.4
2.6
T
Table 2
560K
1.8~5.0
1.9
431K
2.7~5.7
2.8
e(±0.8)
Table 2
680K
1.9~5.2
2.2
471K
2.8~6.0
3.0
d(±0.05)
0.6
820K
1.6~4.1
1.6
511K
2.9~6.2
3.2
d1(±0.4)
1.2
101K
1.9~4.3
1.8
561K
3.1~6.5
3.4
121K
1.9~4.5
2.0
621K
3.3~7.1
3.7
151K
1.7~4.8
1.6
681K
3.5~7.3
4.0
181K
1.8~4.3
1.7
751K
3.8~7.0
4.1
201K
1.9~4.4
1.8
781K
3.9~7.2
4.2
221K
2.0~4.5
1.9
821K
4.1~7.5
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com