Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 2 Page - YAGEO Corporation

Part # 07D
Description  RoHS compliant & Halogen free
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

07D Datasheet(HTML) 2 Page - YAGEO Corporation

  07D Datasheet HTML 1Page - YAGEO Corporation 07D Datasheet HTML 2Page - YAGEO Corporation 07D Datasheet HTML 3Page - YAGEO Corporation 07D Datasheet HTML 4Page - YAGEO Corporation 07D Datasheet HTML 5Page - YAGEO Corporation 07D Datasheet HTML 6Page - YAGEO Corporation 07D Datasheet HTML 7Page - YAGEO Corporation 07D Datasheet HTML 8Page - YAGEO Corporation 07D Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
13
Product Specification
07D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Metal Oxide Varistors (MOV) Data Sheet
Features
■ Wide operating voltage (V
1mA) range from 18V to 820V
■ Fast responding to transient over-voltage
■ Large absorbing transient energy capability
■ Low clamping ratio and no follow-on current
■ Meets MSL level 1, per J-STD-020
■ Operating Temperature:-40℃ ~ +105℃
■ Storage Temperature:-40℃ ~ +125℃
■ Safety certification: UL: E327997
CSA: 246579
VDE: 40027827
Applications
■ Transistor, diode, IC, thyristor or triac semiconductor protection
■ Surge protection in consumer electronics
■ Surge protection in industrial electronics
■ Surge protection in electronic home appliances, gas and petroleum appliances
■ Relay and electromagnetic valve surge absorption
Part Number Code
Tolerance
K: ±10%
Type
D: Disk
Element Diameter
07=7mm
Lead Shape
No suffix: Straight leads
O: Outside crimped leads
F: Y Kinked leads
Surge Series
No suffix: Standard type
J: High Surge type
Packing
No suffix: Bulk
TB: Tape & Box
TR: Tape & Reel
Varistor Voltage
180: 18V
101: 100V
102: 1000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com