Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 4 Page - YAGEO Corporation

Part # 07D
Description  RoHS compliant & Halogen free
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

07D Datasheet(HTML) 4 Page - YAGEO Corporation

  07D Datasheet HTML 1Page - YAGEO Corporation 07D Datasheet HTML 2Page - YAGEO Corporation 07D Datasheet HTML 3Page - YAGEO Corporation 07D Datasheet HTML 4Page - YAGEO Corporation 07D Datasheet HTML 5Page - YAGEO Corporation 07D Datasheet HTML 6Page - YAGEO Corporation 07D Datasheet HTML 7Page - YAGEO Corporation 07D Datasheet HTML 8Page - YAGEO Corporation 07D Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
13
Product Specification
07D
METAL OXIDE VARISTORS
Circuit Protection
www.yageo.com
Feb. 12, 2019 V.0
Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current
Maximum
Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High
Surge
VAC(V)
VDC(V)
V1mA(V)
IP(A)
VC(V)
I (A)
Standard
I (A)
High
Surge
(J)
Standard
(J)
High
Surge
(W)
@1KHz (pf)
180KD07
180KD07J
11
14
18(15~21.6)
2.5
36
250
500
0.9
2.0
0.02
2800
220KD07
220KD07J
14
18
22(19.5~26)
2.5
43
250
500
1.1
2.4
0.02
2300
270KD07
270KD07J
17
22
27(24~31)
2.5
53
250
500
1.4
3.0
0.02
1800
330KD07
330KD07J
20
26
33(29.5~36.5)
2.5
65
250
500
1.7
3.5
0.02
1500
390KD07
390KD07J
25
31
39(35~43)
2.5
77
250
500
2.1
4.0
0.02
1300
470KD07
470KD07J
30
38
47(42~52)
2.5
93
250
500
2.5
5.0
0.02
1100
560KD07
560KD07J
35
45
56(50~62)
2.5
110
250
500
3.1
6.0
0.02
890
680KD07
680KD07J
40
56
68(61~75)
2.5
135
250
500
3.6
7.0
0.02
740
820KD07
820KD07J
50
65
82(74~90)
10
135
1200
1750
5
10.0
0.25
600
101KD07
101KD07J
60
85
100(90~110)
10
165
1200
1750
6.5
12.0
0.25
500
121KD07
121KD07J
75
100
120(108~132)
10
200
1200
1750
7.8
13.0
0.25
420
151KD07
151KD07J
95
125
150(135~165)
10
250
1200
1750
9.7
15.0
0.25
330
181KD07
181KD07J
115
150
180(162~198)
10
300
1200
1750
11.7
16.0
0.25
280
201KD07
201KD07J
130
170
200(180~220)
10
340
1200
1750
13.0
17.0
0.25
250
221KD07
221KD07J
140
180
220(198~242)
10
360
1200
1750
14.0
19.0
0.25
230
241KD07
241KD07J
150
200
240(216~264)
10
395
1200
1750
15.0
21.0
0.25
210
271KD07
271KD07J
175
225
270(243~297)
10
455
1200
1750
18.0
24.0
0.25
185
301KD07
301KD07J
190
250
300(270~330)
10
500
1200
1750
20.0
26.0
0.25
165
331KD07
331KD07J
210
275
330(297~363)
10
550
1200
1750
23.0
28.0
0.25
150
361KD07
361KD07J
230
300
360(324~396)
10
595
1200
1750
24.0
32.0
0.25
140
391KD07
391KD07J
250
320
390(351~429)
10
650
1200
1750
26.0
35.0
0.25
130
431KD07
431KD07J
275
350
430(387~473)
10
710
1200
1750
28.0
40.0
0.25
115
471KD07
471KD07J
300
385
470(423~517)
10
775
1200
1750
29.0
42.0
0.25
105
511KD07
511KD07J
320
415
510(459~561)
10
845
1200
1750
31.0
45.0
0.25
100
561KD07
561KD07J
350
460
560(504~616)
10
925
1200
1750
35.0
49.0
0.25
90
621KD07
621KD07J
385
505
620(558~682)
10
1025
1200
1750
38.0
55.0
0.25
80
681KD07
681KD07J
420
560
680(612~748)
10
1120
1200
1750
42.0
60.0
0.25
75
751KD07
751KD07J
460
615
750(675~825)
10
1240
1200
1750
45.0
64.0
0.25
70
781KD07
781KD07J
485
640
780(702~858)
10
1290
1200
1750
48.0
69.0
0.25
65
821KD07
821KD07J
510
670
820(738~902)
10
1355
1200
1750
52.0
73.0
0.25
60
Notes: 1. The tolerance of varistor voltage between 18V and 27V is more than 10%.
2. Leakage Current (@83% of V1mA):IR≤50μA (180K~680K)
IR
≤25μA (820K~821K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com