Electronic Components Datasheet Search
  English  ▼

X  

AD5592R Datasheet(PDF) 42 Page - Analog Devices

Part # AD5592R
Description  8-Channel, 12-Bit, Configurable ADC/DAC with On-Chip Reference, SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592R Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5592R Datasheet HTML 38Page - Analog Devices AD5592R Datasheet HTML 39Page - Analog Devices AD5592R Datasheet HTML 40Page - Analog Devices AD5592R Datasheet HTML 41Page - Analog Devices AD5592R Datasheet HTML 42Page - Analog Devices AD5592R Datasheet HTML 43Page - Analog Devices AD5592R Datasheet HTML 44Page - Analog Devices AD5592R Datasheet HTML 45Page - Analog Devices AD5592R Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Data Sheet
AD5592R
REGISTER MAP
analog.com
Rev. G | 42 of 54
Table 20. Bit Descriptions for PULLDWN_CONFIG
Bits
Bit Name
Description
Default Value
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
5
PULL_DWN_5
Set the I/O5 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
4
PULL_DWN_4
Set the I/O4 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
3
PULL_DWN_3
Set the I/O3 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
2
PULL_DWN_2
Set the I/O2 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
1
PULL_DWN_1
Set the I/O1 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
0
PULL_DWN_0
Set the I/O0 pin as weak pull-down output.
0x1
0: The I/O pin function is determined by the pin configuration registers.
1: The I/O pin is connected to GND via an 85 kΩ pull-down resistor.
Configuration Register Readback and LDAC Mode Register
Name: CONFIG_READ_AND_LDAC
Selects the operation of the Load DAC (LDAC) function and/or which configuration register is read back.
Table 21. Bit Descriptions for CONFIG_READ_AND_LDAC
Bits
Bit Name
Description
Default Value
15
MSB
Set this bit to 0.
0x0
[14:11]
REG_ADDR
Register address. Set these bits to 0b0111.
0x7
[10:7]
RESERVED
Reserved. Set these bits to 0b0000.
0x0
6
REG_RD_EN
Enable Configuration Register readback. Note that the LDAC mode bits are always used regardless of the
REG_RD_EN bit.
0x0
0: No readback is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com