Electronic Components Datasheet Search
  English  ▼

X  

AD5592R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5592R
Description  8-Channel, 12-Bit, Configurable ADC/DAC with On-Chip Reference, SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5592R Datasheet HTML 17Page - Analog Devices AD5592R Datasheet HTML 18Page - Analog Devices AD5592R Datasheet HTML 19Page - Analog Devices AD5592R Datasheet HTML 20Page - Analog Devices AD5592R Datasheet HTML 21Page - Analog Devices AD5592R Datasheet HTML 22Page - Analog Devices AD5592R Datasheet HTML 23Page - Analog Devices AD5592R Datasheet HTML 24Page - Analog Devices AD5592R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Data Sheet
AD5592R
TERMINOLOGY
analog.com
Rev. G | 21 of 54
ADC TERMINOLOGY
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The end-points of the
transfer function are zero scale, a point that is 1 LSB below the first
code transition, and full scale, a point that is 1 LSB above the last
code transition.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
Offset error is the deviation of the first code transition (00 … 000) to
(00 … 001) from the ideal, that is, AGND + 1 LSB.
Offset Error Match
Offset error match is the difference in offset error between any two
channels.
Gain Error
Gain error is the deviation of the last code transition (111 … 110) to
(111 … 111) from the ideal (that is, VREF − 1 LSB) after the offset
error has been adjusted out.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between channels. It is measured by applying a full-scale, 5 kHz
sine wave signal to all non-selected ADC input channels and deter-
mining how much that signal is attenuated in the selected channel.
This specification is the worst case across all ADC channels for the
AD5592R/AD5592R-1.
Track-and-Hold Acquisition Time
The track-and-hold amplifier enters hold mode on the falling edge of
SYNC and returns to track mode when the conversion is complete.
The track-and-hold acquisition time is the minimum time required
for the track-and-hold amplifier to remain in track mode for its
output to reach and settle to within ±1 LSB of the applied input
signal, given a step change to the input signal.
Signal-to-Noise-and-Distortion (SINAD) Ratio
SINAD is the measured ratio of signal-to-noise-and-distortion at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all non-fundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitization
process; the more levels, the smaller the quantization noise. The
theoretical SINAD ratio for an ideal N-bit converter with a sine wave
input is given by
SINAD (dB) = 6.02N + 1.76
(1)
Thus, for a 12-bit converter, SINAD is 74 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental.
For the AD5592R/AD5592R-1, it is defined as
THD dB =20×log V22+V32+V42+V52+V62
V1
(2)
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second through
the sixth harmonics.
Peak Harmonic or Spurious Noise (SFDR)
Peak harmonic or spurious noise is defined as the ratio of the rms
value of the next largest component in the ADC output spectrum
(up to fS/2 and excluding dc) to the rms value of the fundamental.
Normally, the value of this specification is determined by the largest
harmonic in the spectrum, but for ADCs where the harmonics are
buried in the noise floor, it is a noise peak.
DAC TERMINOLOGY
Relative Accuracy or Integral Nonlinearity (INL)
For the DAC, relative accuracy or integral nonlinearity is a meas-
urement of the maximum deviation, in LSBs, from a straight line
passing through the endpoints of the DAC transfer function. A
typical INL vs. code plot is shown in Figure 18.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum en-
sures monotonicity. This DAC is guaranteed monotonic by design.
A typical DNL vs. code plot can be seen in Figure 19.
Zero Code Error
Zero code error is a measurement of the output error when zero
code (0x000) is loaded to the DAC register. Ideally, the output
is 0 V. The zero code error is always positive in the AD5592R/
AD5592R-1 because the output of the DAC cannot go below 0 V
due to a combination of the offset errors in the DAC and the output
amplifier. Zero code error is expressed in mV.
Gain Error
Gain error is a measure of the span error of the DAC. It is the
deviation in slope of the DAC transfer characteristic from the ideal
expressed as % FSR.
Offset Error Drift
Offset error drift is a measurement of the change in offset error with
a change in temperature. It is expressed in µV/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com