Electronic Components Datasheet Search
  English  ▼

X  

AD5592R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5592R
Description  8-Channel, 12-Bit, Configurable ADC/DAC with On-Chip Reference, SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5592R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5592R Datasheet HTML 20Page - Analog Devices AD5592R Datasheet HTML 21Page - Analog Devices AD5592R Datasheet HTML 22Page - Analog Devices AD5592R Datasheet HTML 23Page - Analog Devices AD5592R Datasheet HTML 24Page - Analog Devices AD5592R Datasheet HTML 25Page - Analog Devices AD5592R Datasheet HTML 26Page - Analog Devices AD5592R Datasheet HTML 27Page - Analog Devices AD5592R Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Data Sheet
AD5592R
THEORY OF OPERATION
analog.com
Rev. G | 24 of 54
Figure 41. Output Voltage Range of the DAC with Gain = 2 (Unloaded
Condition)
When VREF = VDD for gain = 1 or VREF = 0.5 × VDD for gain = 2,
there is an upper dead band of 10 mV at the DAC channel output
in unloaded conditions. Additionally, there is a lower dead band of
~4.88 mV at the DAC channel output in unloaded conditions. When
drawing a load current at either rail, the output voltage headroom
with respect to that rail is limited by the 25 Ω typical channel
resistance of the DAC channel. For example, when sinking 1 mA,
the minimum output voltage = 25 Ω × 1 mA = 25 mV.
ADC SECTION
The 12-bit, single-supply ADC is capable of throughput rates of 400
kSPS. The ADC is preceded by a multiplexer that switches selected
I/Ox pins to the ADC. A sequencer is included to automatically
switch the multiplexer to the next selected channel. Channels are
selected for conversion by writing to the ADC sequence register.
When the write to the ADC sequence register has completed, the
first channel in the conversion sequence is put into track mode.
Allow each channel to track the input signal for a minimum of 500
ns. The first SYNC falling edge following the write to the ADC
sequence register begins the conversion of the first channel in
the sequence. The next SYNC falling edge starts a conversion
on the second channel in the sequence and also begins to clock
the first ADC result onto the serial interface. ADC data is clocked
out of the AD5592R/AD5592R-1 in a 16-bit frame. Bit 15 is 0 to
indicate that the data contains ADC data, Bits[14:12] are the binary
representation of the ADC address, and Bits[11:0] represent the
ADC result (see Table 30).
Each conversion takes 2 µs, and the conversion must be completed
before another conversion is initiated. Only write to the AD5592R/
AD5592R-1 when no conversion is taking place. I/O7 can be con-
figured as a BUSY signal to indicate when a conversion is taking
place. BUSY goes low while a conversion is in progress, and high
when an ADC result is available. The ADC has an input range
selection bit (Bit 5 in the General-Purpose Control Register section,
Table 17), which sets the input range as 0 V to VREF or 0 V to 2 ×
VREF. All input channels share the same range. The output coding
of the ADC is straight binary. It is possible to set each I/Ox pin as
both a DAC and an ADC. When an I/Ox pin is set as both a DAC
and an ADC, the primary function is that of the DAC. If the pin is
selected for inclusion in an ADC conversion sequence, the voltage
on the pin is converted and made available via the serial interface,
allowing the DAC voltage to be monitored.
Calculating ADC Input Current
The current flowing into the I/Ox pins configured as ADC inputs
vary with the sampling rate (fS), the voltage difference between
successive channels (VDIFF), and whether buffered or unbuffered
mode is used. Figure 42 shows a simplified version of the ADC
input structure. When a new channel is selected for conversion, the
5.8 pF capacitor must be charged or discharged of the voltage that
was on the previously selected channel. The time required by the
charge or discharge depends on the voltage difference between the
two channels. This affects the input impedance of the multiplexer
and therefore the input current flowing into the I/Ox pins. In buffered
mode, Switch S1 is open and Switch S2 is closed, in which case
the U1 buffer is directly driving the 23.1 pF capacitor, and its
charging time is negligible. In unbuffered mode, Switch S1 is closed
and Switch S2 is closed. In unbuffered mode, the 23.1 pF capacitor
must be charged from the I/Ox pins, which contributes to the input
current. For applications where the ADC input current is too high,
an external input buffer may be required. The choice of buffer is a
function of the particular application.
Calculate the input current for buffered mode as follows:
fS × C × VDIFF + 1 nA
where:
fS is the ADC sample rate in Hertz.
C is the sampling capacitance in Farads.
VDIFF is the voltage change between successive channels.
1 nA is the dc leakage current associated with buffered mode.
Calculate the input current for unbuffered mode as follows:
fS × C × VDIFF
An example solution is as follows: for the ADC input current in
buffered mode, where I/O0 = 0.5 V, I/O1 = 2 V, and fS = 10 kHz,
(10,000 × 5.8 × 10−12 × 1.5) + 1 nA = 88 nA
Under the same conditions, the ADC input current in unbuffered
mode is as follows:
(10,000 × 28.9 × 10−12 × 1.5) = 433.5 nA
Figure 42. ADC Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com