Electronic Components Datasheet Search
  English  ▼

X  

AD7490 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 4 Page - Analog Devices

  AD7490 Datasheet HTML 1Page - Analog Devices AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7490
Data Sheet
Rev. E | Page 4 of 28
Parameter
Test Conditions/Comments
AD7490B
AD7490W
Unit
Min
Typ
Max
Min
Typ
Max
LOGIC INPUTS
Input High Voltage, VINH
0.7 ×
VDRIVE
0.7 ×
VDRIVE
V
Input Low Voltage, VINL
0.3 ×
VDRIVE
0.3 ×
VDRIVE
V
Input Current, IIN
VIN = 0 V or VDRIVE
±0.01
±1
±0.01
±1
µA
Input Capacitance, CIN+3
10
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200 µA; VDD = 2.7 V to
5.25 V
VDRIVE −
0.2
VDRIVE −
0.2
V
Output Low Voltage, VOL
ISINK = 200 µA
0.4
0.4
V
Floating State Leakage Current
WEAK/TRI bit set to 0
±10
±10
µA
Floating State Output Capacitance3
WEAK/TRI bit set to 0
10
10
pF
Output Coding
Coding bit set to 1
Straight (natural) binary
Straight (natural) binary
Coding bit set to 0
Twos complement
Twos complement
CONVERSION RATE
Conversion Time
16 SCLK cycles, SCLK = 20 MHz
800
800
ns
Track-and-Hold Acquisition Time2
Sine wave input
300
300
ns
Full-scale step input
300
300
ns
Throughput Rate
VDD = 5 V (see the Serial
Interface section)
1
1
MSPS
POWER REQUIREMENTS
VDD
2.7
5.25
2.7
5.25
V
VDRIVE
2.7
5.25
2.7
5.25
V
IDD4
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
VDD = 2.7 V to 5.25 V, SCLK on or
off
600
600
µA
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V,
fSCLK = 20 MHz
2.5
2.5
mA
Normal Mode (fS = Maximum
Throughput)
VDD = 2.7 V to 3.6 V,
fSCLK = 20 MHz
1.8
1.8
mA
Auto Standby Mode
fSAMPLE = 500 kSPS
1.55
1.55
mA
Static
100
100
µA
Auto Shutdown Mode
fSAMPLE = 250 kSPS
960
960
µA
Static
0.5
0.5
µA
Full Shutdown Mode
SCLK on or off
0.02
0.5
0.02
0.5
µA
Power Dissipation4
Normal Mode (Operational)
VDD = 5 V, fSCLK = 20 MHz
12.5
12.5
mW
VDD = 3 V, fSCLK = 20 MHz
5.4
5.4
mW
Auto Standby Mode (Static)
VDD = 5 V
460
480
µW
VDD = 3 V
276
276
µW
Auto Shutdown Mode (Static)
VDD = 5 V
2.5
2.5
µW
VDD = 3 V
1.5
1.5
µW
Full Shutdown Mode
VDD = 5 V
2.5
2.5
µW
VDD = 3 V
1.5
1.5
µW
1
Specifications apply for fSCLK up to 20 MHz. However, for serial interfacing requirements, see the Timing Specifications section.
2
See the Terminology section.
3
Guaranteed by characterization.
4
See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com