Electronic Components Datasheet Search
  English  ▼

X  

AD7490 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7490 Datasheet HTML 19Page - Analog Devices AD7490 Datasheet HTML 20Page - Analog Devices AD7490 Datasheet HTML 21Page - Analog Devices AD7490 Datasheet HTML 22Page - Analog Devices AD7490 Datasheet HTML 23Page - Analog Devices AD7490 Datasheet HTML 24Page - Analog Devices AD7490 Datasheet HTML 25Page - Analog Devices AD7490 Datasheet HTML 26Page - Analog Devices AD7490 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD7490
Rev. E | Page 23 of 28
If the WEAK/TRI bit in the control register is set to 1, instead of
returning to true three-state on the 16th SCLK falling edge, the
DOUT line is pulled weakly to the logic level corresponding to
ADD3 of the next serial transfer. This is done to ensure that the
MSB of the next serial transfer is set up in time for the first
SCLK falling edge after the CS falling edge. If the WEAK/TRI bit
is set to 0 and the DOUT line has been in true three-state
between conversions, the ADD3 address bit may not be set up
in time for the DSP/microcontroller to clock it in successfully,
depending on the particular DSP or microcontroller interfacing
to the AD7490. In this case, ADD3 would only be driven from
the falling edge of CS and must then be clocked in by the DSP
on the following falling edge of SCLK. However, if the WEAK/
TRI bit is set to 1, although DOUT is driven with the ADD3
address bit since the last conversion, it is nevertheless so weakly
driven that another device may still take control of the bus. It
does not lead to a bus contention (for example, a 10 kΩ pull-up
or pull-down resistor is sufficient to overdrive the logic level of
ADD3 between conversions), and all 16 channels may be
identified. If this does happen and another device takes control
of the bus, it is not guaranteed that DOUT will be fully driven
to ADD3 again in time for the read operation when control of
the bus is taken back.
This is especially useful if using an automatic sequence mode to
identify to which channel each result corresponds. If only the
first eight channels are in use, Address Bit ADD3 does not need
to be decoded, and whether it is successfully clocked in as a 1
or 0 does not matter as long as it is still counted by the DSP/
microcontroller as the MSB of the 16-bit serial transfer.
POWER vs. THROUGHPUT RATE
By operating the AD7490 in auto shutdown or auto standby
mode, the average power consumption of the ADC decreases at
lower throughput rates. Figure 29 shows that as the throughput
rate is reduced, the part remains in shutdown state longer and
the average power consumption drops accordingly over time.
For example, if the AD7490 is operated in a continuous
sampling mode with a throughput rate of 100 kSPS and an
SCLK of 20 MHz (VDD = 5 V), with PM1 = 0 and PM0 = 1 (that
is, the device is in auto shutdown mode), the power
consumption is calculated as shown in Equation 1.
The maximum power dissipation during normal operation is
12.5 mW (VDD = 5 V). If the power-up time from auto shut-
down is one dummy cycle, that is, 1 µs, and the remaining
conversion time is another cycle, that is, 1 µs, then the AD7490
can be said to dissipate 12.5 mW for 2 µs during each conver-
sion cycle. For the remainder of the conversion cycle, 8 µs, the
part remains in shutdown mode. The AD7490 can be said to
dissipate 2.5 µW for the remaining 8 µs of the conversion cycle.
If the throughput rate is 100 kSPS, the cycle time is 10 µs and
the average power dissipated during each cycle is
mW
502
.
2
μW
5
.
2
10
8
mW
5
.
12
10
2
=
×
+
×
(1)
When operating the AD7490 in auto standby mode (PM1 =
PM0 = 0 at 5 V, 100 kSPS), the AD7490 power dissipation is
calculated as shown in Equation 2.
The maximum power dissipation is 12.5 mW at 5 V during
normal operation. Again the power-up time from auto standby
is one dummy cycle, 1 µs, and the remaining conversion time is
another dummy cycle, 1 µs. The AD7490 dissipates 12.5 mW
for 2 µs during each conversion cycle. For the remainder of the
conversion cycle, 8 µs, the part remains in standby mode,
dissipating 480 µW for 8 µs. If the throughput rate is 100 kSPS,
the cycle time is 10 µs and the average power dissipated during
each conversion cycle is
28
12.5 mW
480 μW 2.884 mW
10
10
×
+×
=
(2)
Figure 29 shows the power vs. throughput rate when using both
the auto shutdown mode and auto standby mode with 5 V
supplies. At the lower throughput rates, power consumption for
the auto shutdown mode is lower than that for the auto standby
mode, with the AD7490 dissipating less power when in shut-
down compared to standby. As the throughput rate is increased,
however, the part spends less time in power-down states; hence,
the difference in power dissipated is negligible between modes.
For 3 V supplies, the power consumption of the AD7490
decreases. Similar power calculations can be done at 3 V.
10
0.01
0.1
1
0
50
100
150
200
250
300
350
THROUGHPUT (kSPS)
VDD = 5V
AUTO STANDBY
AUTO SHUTDOWN
Figure 29. Power vs. Throughput Rate in Auto Shutdown
and Auto Standby Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com