Electronic Components Datasheet Search
  English  ▼

X  

AD7490 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices AD7490 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7490
Data Sheet
Rev. E | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VDRIVE to GND
−0.3 V to VDD + 0.3 V
Analog Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
REFIN to GND
−0.3 V to VDD + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Ranges
AD7490W
−40°C to +125°C
AD7490B
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Power Dissipation
450 mW
θJA Thermal Impedance
LFCSP
108.2°C/W
TSSOP
97.9°C/W
θJC Thermal Impedance
LFCSP
32.71°C/W
TSSOP
14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charge device model (FICDM) per
ANSI/ESDA/JEDEC JS-002.
ESD Ratings for AD7490
Table 4. AD7490, 28-Lead TSSOP
ESD Model
Withstand Threshold (V)
Class
HBM
±2000
2
FICDM
±350
C1
Table 5. AD7490, 32-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
FICDM
±1000
C3
Table 6. AD7490, 32-Lead LFCSP_SS
ESD Model
Withstand Threshold (V)
Class
HBM
±1000
1C
FICDM
±500
C2A
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com