Electronic Components Datasheet Search
  English  ▼

X  

AD7490 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 3 Page - Analog Devices

  AD7490 Datasheet HTML 1Page - Analog Devices AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD7490
Rev. E | Page 3 of 28
SPECIFICATIONS
VDD = VDRIVE = 2.7 V to 5.25 V, REFIN = 2.5 V, SCLK frequency (fSCLK)1 = 20 MHz, TA = TMIN to TMAX, unless otherwise noted. Temperature
range: −40°C to +85°C (B Version), −40°C to +125°C (W Version).
Table 1.
Parameter
Test Conditions/Comments
AD7490B
AD7490W
Unit
Min
Typ
Max
Min
Typ
Max
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave,
fSCLK = 20 MHz
Signal-to-Noise-and-Distortion (SINAD)2
VDD = 5 V
69
70.5
66.5
68.8
dB
VDD = 3 V, fSCLK = 16 MHz
68
69.5
68
68.9
dB
Signal-to-Noise Ratio (SNR)2
69.5
67
68.8
dB
Total Harmonic Distortion (THD)2
VDD = 5 V
−84
−74
−78.6
−70
dB
VDD = 3 V, fSCLK = 16 MHz
−77
−71
−81.2
−71
dB
Peak Harmonic or Spurious Noise (SFDR)2
VDD = 5 V
−86
−75
−81.3
−73
dB
VDD = 3 V, fSCLK = 16 MHz
−80
−73
−83.1
−73
dB
Intermodulation Distortion (IMD)2
fa = 40.1 kHz, fb = 41.5 kHz
Second-Order Terms
−85
−85
dB
Third-Order Terms
−85
−85
dB
Aperture Delay
10
10
ns
Aperture Jitter
50
50
ps
Channel-to-Channel Isolation2
fIN = 400 kHz
−82
−82
dB
Full Power Bandwidth
3 dB
8.2
8.2
MHz
0.1 dB
1.6
1.6
MHz
DC ACCURACY2
Resolution
12
12
Bits
Integral Nonlinearity
−1
+1
−2
+2
LSB
Differential Nonlinearity
Guaranteed no missed codes to
12 bits
−0.95
+1.5
−0.95
+2
LSB
0 V to REFIN Input Range
Straight binary output coding
Offset Error
−8
±0.6
+8
−8
±0.6
+8
LSB
Offset Error Match
−0.5
+0.5
−1.5
+1.5
LSB
Gain Error
−2
+2
−3
+3
LSB
Gain Error Match
−0.6
+0.6
−1.5
+1.5
LSB
0 V to 2 × REFIN Input Range
−REFIN to +REFIN biased about
REFIN with twos complement
output coding offset
Positive Gain Error
−2
+2
−2.5
+2.5
LSB
Positive Gain Error Match
−0.5
+0.5
−1.4
+1.4
LSB
Zero Code Error
−8
±0.6
+8
−8
+8
LSB
Zero Code Error Match
−0.5
+0.5
−0.5
+0.5
LSB
Negative Gain Error
−1
+1
−2.5
+2.5
LSB
Negative Gain Error Match
−0.5
+0.5
−1.1
+1.1
LSB
ANALOG INPUT
V
Input Voltage Range
RANGE bit set to 1
0
REFIN
0
REFIN
RANGE bit set to 0, VDD = 4.75 V
to 5.25 V for 0 V to 2 × REFIN
0
2 ×
REFIN
0
2 ×
REFIN
V
DC Leakage Current
±1
±1
µA
Input Capacitance
20
20
pF
REFERENCE INPUT
REFIN Input Voltage
±1% specified performance
2.5
2.5
V
DC Leakage Current
±1
±1
µA
REFIN Input Impedance
fSAMPLE = 1 MSPS
36
36
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com