Electronic Components Datasheet Search
  English  ▼

X  

BU21182FS Datasheet(PDF) 29 Page - Rohm

Part # BU21182FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21182FS Datasheet(HTML) 29 Page - Rohm

Back Button BU21182FS Datasheet HTML 25Page - Rohm BU21182FS Datasheet HTML 26Page - Rohm BU21182FS Datasheet HTML 27Page - Rohm BU21182FS Datasheet HTML 28Page - Rohm BU21182FS Datasheet HTML 29Page - Rohm BU21182FS Datasheet HTML 30Page - Rohm BU21182FS Datasheet HTML 31Page - Rohm BU21182FS Datasheet HTML 32Page - Rohm BU21182FS Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
29/40
© 2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21182FS
TSZ02201-0L5L0F301170-1-2
05.Feb.2019 Rev.001
0xB2-0xBB: Long Press Detection Assignment / Unexpected Long Press Detection Assignment
Name:
SENS_HLD_CFG
Address:
0xB2-0xBB
Description:
These registers assign the settings of the register
“Long Press Detection Time / Repeated Long Press
Detection Time
” and “Unexpected Long Press Detection Time” to each sensor.
HLD_CS*[2:0] = 0x0: Long press and repeated long press are not detected to CS*.
= 0x1: Long press A and repeated long press A are assigned to CS*.
= 0x2: Long press B and repeated long press B are assigned to CS*.
= 0x3: Long press C and repeated long press C are assigned to CS*.
= 0x4: Long press D and repeated long press D are assigned to CS*.
= 0x5: Long press E and repeated long press E are assigned to CS*.
= 0x6: Long press F and repeated long press F are assigned to CS*.
= 0x7: Long press G and repeated long press G are assigned to CS*.
UNK_CS*
= 0x0: Unexpected long press A is assigned to CS*.
= 0x1: Unexpected long press B is assigned to CS*.
* represent the sensor number from 0 to 19.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xB2
R/W
0x00
UNK_CS1
HLD_CS1[2:0]
UNK_CS0
HLD_CS0[2:0]
0xB3
R/W
0x00
UNK_CS3
HLD_CS3[2:0]
UNK_CS2
HLD_CS2[2:0]
0xB4
R/W
0x00
UNK_CS5
HLD_CS5[2:0]
UNK_CS4
HLD_CS4[2:0]
0xB5
R/W
0x00
UNK_CS7
HLD_CS7[2:0]
UNK_CS6
HLD_CS6[2:0]
0xB6
R/W
0x00
UNK_CS9
HLD_CS9[2:0]
UNK_CS8
HLD_CS8[2:0]
0xB7
R/W
0x00
UNK_CS11
HLD_CS11[2:0]
UNK_CS10
HLD_CS10[2:0]
0xB8
R/W
0x00
UNK_CS13
HLD_CS12[2:0]
UNK_CS12
HLD_CS12[2:0]
0xB9
R/W
0x00
UNK_CS15
HLD_CS15[2:0]
UNK_CS14
HLD_CS14[2:0]
0xBA
R/W
0x00
UNK_CS17
HLD_CS17[2:0]
UNK_CS16
HLD_CS16[2:0]
0xBB
R/W
0x00
UNK_CS19
HLD_CS19[2:0]
UNK_CS18
HLD_CS18[2:0]
0xBC: Switch Detection Time
Name:
TIME_DET_CFG
Address:
0xBC
Description:
This register configures the time until detecting ON state. IC recognizes the ON state after the delay time by
median filter and this function. Second touch is not detected until clearing the interrupt of first touch. Pressing
simultaneously within the time is detected as a multiple pattern switch.
The time until detecting the ON state of switch = TIME_DET[7:0] x Approximately 10ms
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xBC
R/W
0x00
TIME_DET[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com