Electronic Components Datasheet Search
  English  ▼

X  

BU21182FS Datasheet(PDF) 7 Page - Rohm

Part # BU21182FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21182FS Datasheet(HTML) 7 Page - Rohm

Back Button BU21182FS Datasheet HTML 3Page - Rohm BU21182FS Datasheet HTML 4Page - Rohm BU21182FS Datasheet HTML 5Page - Rohm BU21182FS Datasheet HTML 6Page - Rohm BU21182FS Datasheet HTML 7Page - Rohm BU21182FS Datasheet HTML 8Page - Rohm BU21182FS Datasheet HTML 9Page - Rohm BU21182FS Datasheet HTML 10Page - Rohm BU21182FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7/40
© 2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21182FS
TSZ02201-0L5L0F301170-1-2
05.Feb.2019 Rev.001
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VDD
3.0
5.0
5.5
V
Operating Temperature
Topr
-25
+25
+85
°C
Electrical Characteristics (Unless otherwise specified VDD=5.0V Ta=25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Input High Voltage
VIH
VDD x 0.7
-
VDD + 0.3
V
-
Input Low Voltage
VIL
VSS - 0.3
-
VDD x 0.3
V
-
Output High Voltage
VOHCS
VAVDD x 0.7
-
VAVDD
V
IOH = -1mA (CS pin)
Output Low Voltage
VOLCS
VSS
-
VAVDD x 0.3
V
IOL = +1mA (CS pin)
VOL1
VSS
-
VSS + 0.4
V
IOL = +3mA (SDA/SCL/INTB pin)
VOL2
VSS
-
VSS + 0.6
V
IOL = +6mA (SDA/SCL/INTB pin)
Oscillator Clock Frequency
fOSC
45
50
55
MHz
-
DVDD LDO Output Voltage
VDVDD
1.35
1.50
1.65
V
-
AVDD LDO Output Voltage
VAVDD
2.67
2.80
2.93
V
When AVDD is set to 2.8V.
Standby Current
ISTBY
-
70
200
µA
RSTB=L
Active Current
IACT
1.9
3.5
5.0
mA
RSTB=H and Sensor enable
CS terminals: No load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com