Electronic Components Datasheet Search
  English  ▼

X  

BU21182FS Datasheet(PDF) 33 Page - Rohm

Part # BU21182FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21182FS Datasheet(HTML) 33 Page - Rohm

Back Button BU21182FS Datasheet HTML 29Page - Rohm BU21182FS Datasheet HTML 30Page - Rohm BU21182FS Datasheet HTML 31Page - Rohm BU21182FS Datasheet HTML 32Page - Rohm BU21182FS Datasheet HTML 33Page - Rohm BU21182FS Datasheet HTML 34Page - Rohm BU21182FS Datasheet HTML 35Page - Rohm BU21182FS Datasheet HTML 36Page - Rohm BU21182FS Datasheet HTML 37Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/40
© 2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21182FS
TSZ02201-0L5L0F301170-1-2
05.Feb.2019 Rev.001
Command Register Description
0xE0-0xE1: Clear Interrupt Factor
Name:
CLR_INTERRUPT_CMD
Address:
0xE0-0xE1
Description:
These are for clearing the interrupt of the register
“Interrupt Factor”.
0: Interrupt is cleared
1: Interrupt is not cleared
CLR_INT_FININI
: Clear Initialization Completion Interrupt
This bit is for clearing
the bit “INT_FININI” in the register “Interrupt Factor”.
CLR_INT_FINCAL
: Clear Software Calibration Completion Interrupt
This bit is for clearing the bit
“INT_FINCAL” in the register “Interrupt Factor”.
CLR_INT_FALCAL
: Clear Software Calibration Failure Interrupt
This bit is for clearing the bit
“INT_FALCAL” in the register “Interrupt Factor”.
CLR_INT_NOISE
: Clear Noise Detection Interrupt
This bit is for clearing the bit
“INT_NOISE” in the register “Interrupt Factor”.
CLR_INT_AVDDON
: Clear AVDD ON Detection Interrupt
This bit is for clearing the bit
“INT_AVDDON” in the register “Interrupt Factor”.
CLR_INT_AVDDOFF
: Clear AVDD OFF Detection Interrupt
This bit is for clearing the bit
“INT_AVDDOFF” in the register “Interrupt Factor”.
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xE0
R/W
0x00
CLR_INT
_NOISE
-
-
-
CLR_INT
_FALCAL
CLR_INT
_FINCAL
-
CLR_INT
_FININI
0xE1
R/W
0x00
-
-
-
-
-
-
CLR_INT_
AVDDOFF
CLR_INT_
AVDDON
0xE2-0xE4: Clear Switch ON Detection
Name:
CLR_DET_ON_CMD
Address:
0xE2-0xE4
Description:
These registers are for clearing the interrupt of the register
“Switch ON Detection”.
0: Interrupt is cleared
1: Interrupt is not cleared
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xE2
R/W
0x00
CLR_DET
_ON_CS7
CLR_DET
_ON_CS6
CLR_DET
_ON_CS5
CLR_DET
_ON_CS4
CLR_DET
_ON_CS3
CLR_DET
_ON_CS2
CLR_DET
_ON_CS1
CLR_DET
_ON_CS0
0xE3
R/W
0x00
CLR_DET
_ON_CS15
CLR_DET
_ON_CS14
CLR_DET
_ON_CS13
CLR_DET
_ON_CS12
CLR_DET
_ON_CS11
CLR_DET
_ON_CS10
CLR_DET
_ON_CS9
CLR_DET
_ON_CS8
0xE4
R/W
0x00
-
-
-
-
CLR_DET
_ON_CS19
CLR_DET
_ON_CS18
CLR_DET
_ON_CS17
CLR_DET
_ON_CS16
0xE5-0xE7: Clear Switch OFF Detection
Name:
CLR_DET_OFF_CMD
Address:
0xE5-0xE7
Description:
These registers are for clearing the interrupt of the register
“Switch OFF Detection”.
0: Interrupt is cleared
1: Interrupt is not cleared
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xE5
R/W
0x00
CLR_DET
_OFF_CS7
CLR_DET
_OFF_CS6
CLR_DET
_OFF_CS5
CLR_DET
_OFF_CS4
CLR_DET
_OFF_CS3
CLR_DET
_OFF_CS2
CLR_DET
_OFF_CS1
CLR_DET
_OFF_CS0
0xE6
R/W
0x00
CLR_DET
_OFF_CS15
CLR_DET
_OFF_CS14
CLR_DET
_OFF_CS13
CLR_DET
_OFF_CS12
CLR_DET
_OFF_CS11
CLR_DET
_OFF_CS10
CLR_DET
_OFF_CS9
CLR_DET
_OFF_CS8
0xE7
R/W
0x00
-
-
-
-
CLR_DET
_OFF_CS19
CLR_DET
_OFF_CS18
CLR_DET
_OFF_CS17
CLR_DET
_OFF_CS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com