Electronic Components Datasheet Search
  English  ▼

X  

BU21182FS Datasheet(PDF) 4 Page - Rohm

Part # BU21182FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21182FS Datasheet(HTML) 4 Page - Rohm

  BU21182FS Datasheet HTML 1Page - Rohm BU21182FS Datasheet HTML 2Page - Rohm BU21182FS Datasheet HTML 3Page - Rohm BU21182FS Datasheet HTML 4Page - Rohm BU21182FS Datasheet HTML 5Page - Rohm BU21182FS Datasheet HTML 6Page - Rohm BU21182FS Datasheet HTML 7Page - Rohm BU21182FS Datasheet HTML 8Page - Rohm BU21182FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4/40
© 2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21182FS
TSZ02201-0L5L0F301170-1-2
05.Feb.2019 Rev.001
Pin Description - continued
Pin
No.
Pin
Name
I/O
Type
Function
Power
Initial
Condition
(RSTB=L)
I/O Equivalent
Circuit
17
CS11
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
18
CS10
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
19
CS9
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
20
CS8
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
21
CS7
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
22
CS6
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
23
CS5
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
24
CS4
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
25
CS3
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
26
CS2
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
27
CS1
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
28
CS0
IN/OUT
Sensor pin(Note 3)
AVDD
HIZ
Figure 5
29
AVDD
OUT
LDO output pin for sensor block
-
0V
-
30
VDD
-
Power
-
-
-
31
NC
-
No Connect pin with pull-down resistor
This pin should be left as open circuit
-
-
-
32
DVDD
OUT
LDO output pin for digital block
-
1.5V
-
(Note 3) If not used, this pin must be left as an open circuit.
I/O Equivalent Circuit
AIN
ASW
PAD
I
OEN
AVDD
PAD
CIN
I
OEN
PAD
I
VDD
VDD
Figure 3. I/O Equivalent Circuit
Figure 4. I/O Equivalent Circuit
Figure 5. I/O Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com