Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 171 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 171 Page - Rohm

Back Button ML22Q533 Datasheet HTML 167Page - Rohm ML22Q533 Datasheet HTML 168Page - Rohm ML22Q533 Datasheet HTML 169Page - Rohm ML22Q533 Datasheet HTML 170Page - Rohm ML22Q533 Datasheet HTML 171Page - Rohm ML22Q533 Datasheet HTML 172Page - Rohm ML22Q533 Datasheet HTML 173Page - Rohm ML22Q533 Datasheet HTML 174Page - Rohm ML22Q533 Datasheet HTML 175Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ Speech LSI Utility Setting Items
Set the following items on the Speech LSI Utility.
Item
Description
Protection code for flash memory
access
Set any 8-bit data.
・0x69: Flash memory cannot be accessed by the
FDIRECT command.
・Other than 0x69: Accessing the flash memory is
enabled when the protection unlock data entered by the
FDIRECT command matches the data.
Master clock selection
Select master clock(Source clock oscillation).
・RC (RC oscillation)
・Xtal (Crystal or ceramic resonator)
Master clock frequency
Set the master clock frequency to FOSC.
・4.096 : 4.096MHz setting
・4.000 : 4.000MHz setting
Number of phrases used
Select the number of phrases from the following.
・4096
・3072
・2048
・1024
Sound ROM information
Set any 8-bit data.
Read by RDVER command.
Class D amplifier output format
Output format selection.
・Half-wave mode
Full wave mode is not supported.
WDT counter, RST counter
WDTERR or RSTERR
processing at overflow
Select the processing to be performed when an overflow
occurs.
・Hold current state
・Transition to the state after PUP command input
WDT counter, RST counter
WDTERR or RSTERR
overflow time
Select the overflow time from the following.
・125ms
・500ms
・2s
・4s
Refer to the Speech LSI Utility User's Manual for more information.
171/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com