Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 173 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 173 Page - Rohm

Back Button ML22Q533 Datasheet HTML 169Page - Rohm ML22Q533 Datasheet HTML 170Page - Rohm ML22Q533 Datasheet HTML 171Page - Rohm ML22Q533 Datasheet HTML 172Page - Rohm ML22Q533 Datasheet HTML 173Page - Rohm ML22Q533 Datasheet HTML 174Page - Rohm ML22Q533 Datasheet HTML 175Page - Rohm ML22Q533 Datasheet HTML 176Page - Rohm ML22Q533 Datasheet HTML 177Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■Function description
●I2C interface (Slave)
[ ] When I2C is used, be sure to insert a pull-up resistor between SCL and SDA pins and DVDD pin.
◆Command flow when reading data
[ ] The data to be read is updated by inputting RDSTAT/RDERR/RDVER command. Be sure to enter the
RDSTAT/RDERR/RDVER command before reading the internal status.
●SAI(Serial Audio Interface)
[ ] To use SAI, use AMODE commands to place the SAI into the analog power-up status.
●Mixing function
◆Restrictions when using Serial Audio Interface(SAI)
[ ] When the serial audio interface (SAI) is used, there are some limitations to the maximum number of mixing and
playable channels depending on the sampling frequency.
[ ] When mixing at the sampling frequencies of 8.0/16.0/32.0kHz with using Serial Audio Interface(SAI), HQ-ADPCM
cannot be used.
◆Waveform clamp precautions for mixing
[ ] If the clamp is known to be generated in advance, adjust the volume of each channel by CVOL and PAN commands.
◆Different sampling frequency mixing algorithm
[ ] It is not possible to perform channel mixing by a different sampling frequency group.Note that when channel synthesis
is performed on a sampling frequency group other than the selected sampling frequency group, playback will be faster
or slower.
●Misoperation detection and failure detection functions
◆SPP pin and SPM pin short detection
[ ] After inputting SAFE command, start the analog power-up operation by AMODE command within 10ms.
◆Flash memory error detection
[ ] If the error bit (ROMERR) is set to "1" after the PUP command and before the PLAY command or START command
starts playback, this LSI may have error at the time of start. In such cases, initialize this LSI by moving the LSI to the
power-down mode by resetting the LSI by the RESETB pin or by using PDWN command.
◆Detects the stop of clock input from a crystal resonator or ceramic resonator
[ ] If the RDERR command (first byte) is inputted before the crystal or ceramic resonator stops and switches to RC
oscillation (about 500
μs), the CBUSYB pin will remain "L". Therefore, read the command after the CBUSYB pin
becomes "H".
[ ] When the crystal resonator or the ceramic resonator stops and switches to RC oscillation, playback may become
abnormal. Therefore, after confirming that the error bit (OSCERR) is "1", enter STOP command to stop playback.
◆Detects disconnection/short circuit of LRCLK
[ ] *5 The unit does not recover even if a normal LRCLK is input after stopping playback. Enter MUON command
→SAICH command after inputting a normal LRCLK.
◆Detects disconnection/short circuit of SAI_IN
[ ] When OUTEN is set to "1" and INEN is set to "0" by the SAICON command, the SAI_IN input is disabled. Therefore,
set SAIINEN to "0".
◆Mixing number error detection
[ ] When using the serial audio interface (SAI), the sampling frequency limits the maximum number of mixings and
playable channels.
■Timing chart
●Common
◆Power-on timing
[ ] Start up in the order of DVDD, SPVDD and IOVDD or DVDD, IOVDD and SPVDD.
[ ] Be sure to input "L" to the RESETB pin before inputting the first command after power-on.
[ ] Be sure to enter "L" at the RESETB pin when the DVDD is below the (recommended) operating voltage range.
◆Power-off timing
[ ] Shut down in the order of IOVDD, SPVDD, and DVDD or SPVDD, IOVDD, and DVDD.
[ ] Shut down each power supply after changing to the power down status with PDWN commands.
173/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com