Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 177 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 177 Page - Rohm

Back Button ML22Q533 Datasheet HTML 170Page - Rohm ML22Q533 Datasheet HTML 171Page - Rohm ML22Q533 Datasheet HTML 172Page - Rohm ML22Q533 Datasheet HTML 173Page - Rohm ML22Q533 Datasheet HTML 174Page - Rohm ML22Q533 Datasheet HTML 175Page - Rohm ML22Q533 Datasheet HTML 176Page - Rohm ML22Q533 Datasheet HTML 177Page - Rohm ML22Q533 Datasheet HTML 178Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 177 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
■ Revision history
Document No.
Date
Page
Description
Previous
edition
Current
edition
FEDL22Q53X-01
Apr 24, 2020
-
-
Formal 1st edition.
FEDL22Q53X-02
Jun 23, 2020
2
2
Added “DVDD,SPVDD/SPOVDD and IOVDD can be set
independently. (SPVDD=SPOVDD
≥DVDD)” to the description
of power-supply voltage.
4
21
172
173
4
21
172
173
Changed description of SCL pin to “be sure to insert a
pull-up resistor between DVDD pin.”
12
12
Added “*3” to the standard value of IDDO and IDDS of DC
characteristics.
20
20
Added “Accessing with I
2C slave interface at the same time
is prohibited.” to Clock Synchronous Serail Interface.
21
21
Added “Accessing with clock synchronous serial interface at
the same time is prohibited.” to Clock Synchronous Serail
Interface.
24
24
Added description to SAI(Serial Audio Interface).
27
27
Added definition of compression rate.
34
34
Changed description of command error detection.
(Not a change in product specijications.)
38
38
Changed description of watchdog timer overflow detection.
(Not a change in product specijications.)
40
40
Changed description of RST counter overflow detection.
(Not a change in product specijications.)
44
44
Added description of mixing number error detection.
46
46
Added a method to return from flash memory access mode
to normal mode.
108
108
Changed description of DAMP bit of AMODE command.
(Not a change in product specijications.)
109
109
Changed description of POP bit of AMODE command.
(Not a change in product specijications.)
109
109
Changed description of table of AEN1, AEN0 and POP bit,
of AMODE command.
(Not a change in product specijications.)
131
131
Changed description of OSCEN bit of SAFE command.
(Not a change in product specijications.)
163
163
Added attention of voltage setting of SPVDD/SPOVDD and
DVDD for power wiring.
163
163
Added C12 to the coupling capacitor.
166
166
Changed notation of recommended ceramic resonator.
(Not a recommended product change.)
177/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com