Electronic Components Datasheet Search
  English  ▼

X  

ML22Q533 Datasheet(PDF) 176 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 176 Page - Rohm

Back Button ML22Q533 Datasheet HTML 170Page - Rohm ML22Q533 Datasheet HTML 171Page - Rohm ML22Q533 Datasheet HTML 172Page - Rohm ML22Q533 Datasheet HTML 173Page - Rohm ML22Q533 Datasheet HTML 174Page - Rohm ML22Q533 Datasheet HTML 175Page - Rohm ML22Q533 Datasheet HTML 176Page - Rohm ML22Q533 Datasheet HTML 177Page - Rohm ML22Q533 Datasheet HTML 178Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 176 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
◆SAICH command
[ ] Set these bits when channels other than SAIs are not playing back (BUSYBn is "1").
[ ] If you want to set LEN="0" and REN="1" with LEN="1" and REN="0", set LEN="0" and REN="1" after setting
LEN=REN="0".
[ ] Start the LRCLK/BCLK input after entering the SAICON command.Subsequently, enter the MUON command and
then the SAICH command.
[ ] After entering the MUON command, enter the SAICH command at least 10ms prior to the end of the silence period set
by the MUON command.
[ ] Use a channel that is not played back by SAICH as the playback channel set by MUON commands. To mix with ROM
playback, use a channel for ROM playback.
◆SAICON command
[ ] Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and
the Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the
entered SAICON command is ignored.
◆SAITCON command
[ ] Use the same format as that of SAIRCON command. Set this bit when the Lch-side serial audio interface (SAI)
operation of the SAICH command is stopped (LEN="0") and the Rch-side serial audio interface (SAI) operation is
stopped (REN="0"). If either LEN or REN is set to "1", the entered SAITCON command is ignored.
◆SAIRCON command
[ ] Use the same format as that of SAITCON command. Set this bit when the Lch-side serial audio interface (SAI)
operation of the SAICH command is stopped (LEN="0") and the Rch-side serial audio interface (SAI) operation is
stopped (REN="0"). If either LEN or REN is set to "1", the entered SAIRCON command is ignored.
◆SAIMOD command
[ ] Set this bit when the Lch-side serial audio interface (SAI) operation of the SAICH command is stopped (LEN="0") and
the Rch-side serial audio interface (SAI) operation is stopped (REN="0"). If either LEN or REN is set to "1", the
entered SAIMOD command is ignored.
■Peripheral circuit
●Handling of SG Pin/●Handling of V
DDL, VDDR Pins/
●Power wiring/●Bypass capacitor/●Coupling capacitor
[ ] Confirm the recommended values and precautions in this chapter.
■Package Dimensions
[ ] Confirm “Notes for heat sink type Package” and “Notes for Mounting the Surface Mount Type Package” in this
chapter.
■Speech LSI Utility Setting Items
[ ] Confirm setting items of “Speech LSI Utility” in this chapter.
176/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com