Electronic Components Datasheet Search
  English  ▼

X  

36063304 Datasheet(PDF) 3 Page - Norgren Ltd

Part # 36063304
Description  Brass Ball Valves
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

36063304 Datasheet(HTML) 3 Page - Norgren Ltd

  36063304 Datasheet HTML 1Page - Norgren Ltd 36063304 Datasheet HTML 2Page - Norgren Ltd 36063304 Datasheet HTML 3Page - Norgren Ltd 36063304 Datasheet HTML 4Page - Norgren Ltd 36063304 Datasheet HTML 5Page - Norgren Ltd 36063304 Datasheet HTML 6Page - Norgren Ltd 36063304 Datasheet HTML 7Page - Norgren Ltd 36063304 Datasheet HTML 8Page - Norgren Ltd 36063304 Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
10/97
N/UK 5.10.040.03
60 Series Ball Valves
6021
Standard Ball Valve
Pressure/Temperature diagram
Full bore, female/female
Model
Thread
Max.
A
B
C
E
F
size
Press.
602112128
G1⁄4
45
85
36
48
8
23
602112138
G3⁄8
40
85
36
49
10
24
602112148
G1⁄2
35
85
40
60
15
30
602112168
G3⁄4
30
105
47
69
20
38
602112188
G1
25
105
51
83
25
46
6021121A8
G11⁄4
20
130
63
96
32
58
6021121B8
G11⁄2
20
130
69
106
40
70
6021121C8
G2
16
165
83
129
50
86
6021121D8
G21⁄2
16
248
99
159
65
111
6021121E8
G3
10
248
110
182
80
135
6021121F8
G4
10
248
129
219
100
167
Full bore, male/female
Model
Thread
Max.
A
B
C
E
F
size
Press.
602112228
G1⁄4
45
85
36
50
8
23
602112238
G3⁄8
40
85
36
54
10
24
602112248
G1⁄2
35
85
40
65
15
30
602112268
G3⁄4
30
105
47
75
20
38
602112288
G1
25
105
51
86
25
46
6021122A8
G11⁄4
20
130
63
99
32
58
10
20
30
40
50
Bar
–20°
0°
+25°
+50°
+75°
+100°
+125°
+150° °C
1/4"
3/8"
1/2"
3/4"
1
"
1
1/4" - 11/2"
2
"
3
" - 4"
A
C
A
C
6021
Exhausting Ball Valve
Full bore, female/female
Model
Thread
Max.
A
B
C
D
L
M
size
Press.
Thro Bore
A/F
602113128EX G1⁄4
64
100
61
29
8
52
22
602113138EX G3⁄8
64
100
61
29
10
54
22
602113148EX G1⁄2
50
100
64
36
15
69
27
602113168EX G3⁄4
50
120
76
45
20
77
33
602113188EX G1
50
120
80
54
25
89
40
6021131A8EX G11⁄4
40
150
98
65
32
103
50
A
M (Across Flats)
L
Exhaust
For T handle valves, substitute 2 for 1 at 4th digit.
For T handle valves, substitute 2 for 1 at 4th digit.
Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document.
For your local Norgren Technical Sales Centre phone 0345 662266. For your local Norgren Distributor phone 0345 227777.
IMI Norgren Limited, PO Box 22, Eastern Avenue, Lichfield, Staffordshire WS13 6SB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com