Electronic Components Datasheet Search
  English  ▼

X  

36063304 Datasheet(PDF) 4 Page - Norgren Ltd

Part # 36063304
Description  Brass Ball Valves
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

36063304 Datasheet(HTML) 4 Page - Norgren Ltd

  36063304 Datasheet HTML 1Page - Norgren Ltd 36063304 Datasheet HTML 2Page - Norgren Ltd 36063304 Datasheet HTML 3Page - Norgren Ltd 36063304 Datasheet HTML 4Page - Norgren Ltd 36063304 Datasheet HTML 5Page - Norgren Ltd 36063304 Datasheet HTML 6Page - Norgren Ltd 36063304 Datasheet HTML 7Page - Norgren Ltd 36063304 Datasheet HTML 8Page - Norgren Ltd 36063304 Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
60 Series Ball Valves
N/UK 5.10.040.04
10/97
Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document.
For your local Norgren Technical Sales Centre phone 0345 662266. For your local Norgren Distributor phone 0345 227777.
IMI Norgren Limited, PO Box 22, Eastern Avenue, Lichfield, Staffordshire WS13 6SB
6041
Gas Approved Ball Valve
Full bore, female/female
Model
Thread
Max.
A
B
C
E
F
size
Press.
604112128
G1⁄4
55
85
41
48
8
23
604112138
G3⁄8
50
85
41
49
10
24
604112148
G1⁄2
45
85
44
61
15
32
604112168
G3⁄4
40
105
53
70
20
40
604112188
G1
35
105
57
84
25
48
6041121A8
G11⁄4
25
130
70
98
32
60
6041121B8
G11⁄2
25
130
76
108
40
72
6041121C8
G2
20
165
92
130
50
88
10
20
30
40
50
60
Bar
–20°
0°
+25°
+50°
+75°
+100°
+125°
+150° °C
1/4"
3/8"
1/2"
3/4"
1
"
1
1/4" - 11/2"
2
"
A
C
6021
3–Way Ball Valve
Full bore, female/female/female
Model
Thread
Max.
A
B
C
E
F
J
size
Press.
602114428 G1⁄4
25
98
42
52
10
22
26,0
602114438 G3⁄8
25
98
42
52
10
22
26,0
602114448 G1⁄2
25
98
45
64
15
27
33,5
602114468 G3⁄4
16
118
57
74
20
32
39,5
6021144A8 G11⁄4
10
118
66
100
32
50
54,5
A
F
C
E
Test specification differs from standard. Please consult our Technical
Service for futher details.
Pressure/Temperature diagram
For T handle valves, substitute 2 for 1 at 4th digit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com