Electronic Components Datasheet Search
  English  ▼

X  

36063304 Datasheet(PDF) 1 Page - Norgren Ltd

Part # 36063304
Description  Brass Ball Valves
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

36063304 Datasheet(HTML) 1 Page - Norgren Ltd

  36063304 Datasheet HTML 1Page - Norgren Ltd 36063304 Datasheet HTML 2Page - Norgren Ltd 36063304 Datasheet HTML 3Page - Norgren Ltd 36063304 Datasheet HTML 4Page - Norgren Ltd 36063304 Datasheet HTML 5Page - Norgren Ltd 36063304 Datasheet HTML 6Page - Norgren Ltd 36063304 Datasheet HTML 7Page - Norgren Ltd 36063304 Datasheet HTML 8Page - Norgren Ltd 36063304 Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
10/97
N/UK 5.10.040.01
Brass Ball Valves
60 Series
q Ideally suited for most industrial applications
q Easy installation, simple operation and maintenance free
q Full bore passage giving minimum flow resistance
Technical Data
Medium:
Compressed air, water, inert gases and any other fluid
compatible with the valve materials
Port Sizes:
G1⁄8, G1⁄4, G3⁄8, G1⁄2, G3⁄4, G1, G11⁄4, G11⁄2, G2, G21⁄2, G3, G4.
Operating Pressure:
See individual details
Operating Temperature:
Refer to table over the page
Materials
Nickel plated brass body to UNI 5705-65, virgin PTFE seats,
virgin PTFE, Viton or Nitrile seals, chromium plated brass ball,
zinc plated steel handle with PVC grip (plastic handle on mini
ball range).
Ordering Information
To order quote the appropriate product numbers
from the tables on the following pages.
1⁄8" – 4" BSP
Standard
Exhausting
3–way
Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document.
For your local Norgren Technical Sales Centre phone 0345 662266. For your local Norgren Distributor phone 0345 227777.
IMI Norgren Limited, PO Box 22, Eastern Avenue, Lichfield, Staffordshire WS13 6SB
Back to Selector Page


Similar Part No. - 36063304

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
36063304 NORGREN-36063304 Datasheet
146Kb / 10P
BSP Pipe Fittings
More results

Similar Description - 36063304

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Sensortechnics GmbH
LQX122W12FFFS000 SENSORTECHNICS-LQX122W12FFFS000 Datasheet
202Kb / 5P
12 mm isolated diaphragm solenoid valves
001-0017-900 SENSORTECHNICS-001-0017-900 Datasheet
74Kb / 3P
Inert isolation soleniod valves
002-0017-900 SENSORTECHNICS-002-0017-900 Datasheet
76Kb / 3P
Inert isolation soleniod valves
logo
Ralston Instruments.
DP0V-0040 RALSTON-DP0V-0040 Datasheet
315Kb / 1P
DP0V pressure check valves, brass
logo
Molex Electronics Ltd.
0051384099 MOLEX1-0051384099 Datasheet
35Kb / 1P
Replacement Brass Wool Ball for WDC and WDC2 Dry Cleaner, 2/Pk
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
logo
BELIMO AIRCONTROLS (USA...
LRB24-IP BELIMO-LRB24-IP Datasheet
520Kb / 4P
Cloud capable and communicative rotary actuator for ball valves
ZS-SPBV BELIMO-ZS-SPBV Datasheet
71Kb / 1P
Weather Shield for B2/B3..VS/VSS Ball Valves
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com