Electronic Components Datasheet Search
  English  ▼

X  

36063304 Datasheet(PDF) 8 Page - Norgren Ltd

Part # 36063304
Description  Brass Ball Valves
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

36063304 Datasheet(HTML) 8 Page - Norgren Ltd

  36063304 Datasheet HTML 1Page - Norgren Ltd 36063304 Datasheet HTML 2Page - Norgren Ltd 36063304 Datasheet HTML 3Page - Norgren Ltd 36063304 Datasheet HTML 4Page - Norgren Ltd 36063304 Datasheet HTML 5Page - Norgren Ltd 36063304 Datasheet HTML 6Page - Norgren Ltd 36063304 Datasheet HTML 7Page - Norgren Ltd 36063304 Datasheet HTML 8Page - Norgren Ltd 36063304 Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
11/97
N/UK 5.10.041.01
Stainless Steel Ball Valves
61 Series
q Ideally suited for most industrial applications
q Easy installation, simple operation and maintenance free
q Full bore passage giving minimum flow resistance
q Suitable for process, chemical or food industries
q Lever or tee handle options
Technical Data
Medium:
Compressed air, water, inert gases and any other fluid
compatible with the valve materials
Port Sizes:
1⁄4, 3⁄8, 1⁄2, 3⁄4, 1
Operating Pressure:
100 bar (1⁄4,3⁄8,1⁄2), 64 bar (3⁄4,1)
Operating Temperature:
-20°C to 150°C
Materials
Body: Stainless Steel Investment casting AISI 316
Stem: Stainless Steel AISI 316
Ball Seats: Virgin PTFE
Lower & upper stem packing: virgin PTFE
Static gasket: Virgin PTFE
Ball: Stainless Steel AISI 316
Viton ‘O’ rings
Lever handle: Stainless Steel AISI 304
End connection: Stainless Steel investment casting AISI 316
Ordering Information
To order quote the appropriate product numbers
from the tables on the following pages.
1⁄4" – 1" BSP
Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document.
For your local Norgren Technical Sales Centre phone 0345 662266. For your local Norgren Distributor phone 0345 227777.
IMI Norgren Limited, PO Box 22, Eastern Avenue, Lichfield, Staffordshire WS13 6SB
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com