Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2881
Description  LTM2881: Isolated RS485/RS422 μModule Transceiver Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 4 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1746af
DEMO MANUAL DC1746A
PCB LAYOUT
PARTS LIST
Layer 1. Top Layer
Layer 3. Signal Layer
Layer 2. Ground Plane
Layer 4. Bottom Layer
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
U1
I.C., LTM2881CY-3
LINEAR LTM2881CY-3#PBF
I.C., LTM2881CY-5
LINEAR LTM2881CY-5#PBF
Hardware/Components (For Demo Board Only)
2
2
C1, C5
CAP., TANT 10μF 10V 20% TAJA
AVX TAJA106M010RNJ
3
1
C2
CAP., CER 1μF 10V 20% 0508
MURATA LLL219R71A105MA01L
4
2
C3, C4
CAP., CER 470pF 250VAC 10% 1808
MURATA GA342QR7GF471KW01L
51
J1
0.1" DOUBLE ROW HEADER, 5
× 2 PIN
SAMTEC TSW-105-22-G-D
61
J1
0.1" FERRITE PLATE, 5
× 2 HOLE
FAIR RITE 2644247101
7
1
J2
CON, FILTERED, DSUB 9-PIN
KOBICONN 152-3609
8
5
JP1-5
2mm SINGLE ROW HEADER, 3-PIN
SAMTEC TMM-103-02-L-S
9
5
JP1-5
SHUNT
SAMTEC 2SN-BK-G
10
1
SW1
SWITCH, DPDT, SMD
COPAL CAS-220TA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com