Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2881
Description  LTM2881: Isolated RS485/RS422 μModule Transceiver Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 1 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1746af
DEMO MANUAL DC1746A
DESCRIPTION
LTM2881:
Isolated RS485/RS422
µModule Transceiver + Power
Demonstration circuit 1746A is an isolated RS485/RS422
μModule® transceiver + power featuring the LTM®2881.
The demo circuit is a 2500VRMS galvanically isolated
RS485/RS422 transceiver interface. The demo circuit
features an EMI optimized circuit configuration and printed
circuit board layout. All components are integrated into
the μModule transceiver. The demo circuit operates from
a single external supply on VCC. The part generates the
L, LT, LTC, LTM, μModule, Linear Technology and the Linear logo are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
OPERATING PRINCIPLES
output voltage VCC2 and communicates all necessary
signaling across the isolation barrier using LTC’s isolator
μModule technology.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Range
LTM2881-5
LTM2881-3
4.5
3.0
5
3
5.5
3.6
V
V
VCC2
Output Voltage
ILOAD = 0mA to 100mA, DE = 0V
4.7
5
V
fMAX
Maximum Data rate
SLO = VCC2
20
Mbps
VIORM
Maximum Working Insulation Voltage
GND to GND2
560
400
VDC
VRMS
Common Mode Transient Immunity
30
kV/μs
The LTM2881 contains an isolated DC/DC converter, de-
livering power to VCC2 at 5V from the input supply, VCC.
Isolation is maintained by the separation of GND and GND2
where significant operating voltages and transients can
exist without affecting the operation of the LTM2881. The
logic side ON pin enables or shuts down the LTM2881.
RS485/RS422 signaling is controlled by the logic inputs
DE, DI, TE and RE. Connection to the transceiver pins (A,
B, Y and Z) allows full- or half-duplex operation on the
isolated side of the demo circuit. A full-/half-duplex switch
is included on the demo circuit to ease setting the system
configuration. The SLO pin configures the slew rate of the
driver output pins Y and Z.
Data is transmitted out the driver pins Y and Z from the
input DI with DE set on. Data is received through the dif-
ference in A and B to the output RO with RE set on.
The demo circuit has been designed and optimized for low
RF emissions. To this end some features of the LTM2881
are not available for evaluation on the demo circuit. The
logic supply voltage, VL, is tied to VCC on the demo circuit.
All control signals are selectable by jumper programming
only, including ON, RE, DE, TE and SLO. The spare logic
channel DIN to DOUT is not available.


Similar Part No. - LTM2881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTM2881 LINER-LTM2881 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTM2881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com