Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2881
Description  LTM2881: Isolated RS485/RS422 μModule Transceiver Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 2 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1746af
DEMO MANUAL DC1746A
OPERATING PRINCIPLES
EMI mitigation techniques used include the following:
1. Four layer PCB, allowing for isolated side to logic side
‘bridge’ capacitor. The bridge capacitor is formed be-
tween an inner layer of floating copper which overlaps
the logic side and isolated side ground planes. This
structure creates two series capacitors, each with ap-
proximately 0.008" of insulation, supporting the full
dielectric withstand rating of 2500VRMS. The bridge
capacitor provides a low impedance return path for
injected currents due to parasitic capacitances of the
LTM2881’s signal and power isolating elements.
2. Discrete bridge capacitors (C3, C4) mounted between
GND2 and GND. The discrete capacitors provide ad-
ditional attenuation at frequencies below 400MHz.
Capacitors are safety rated type Y2, manufactured by
Murata, part # GA342QR7GF471KW01L.
3. Board/ground plane size has been minimized. This
reduces the dipole antenna formed between the logic
side and isolated side ground planes.
4. Top signal routing and ground floods have been opti-
mized to reduce signal loops, minimizing differential
mode radiation.
5. Common mode filtering is integrated into the input
pin header and output DB9 connector. Filtering helps
to reduce emissions caused by conducted noise and
minimizes the effects of cabling to common mode
emissions.
6. A combination of low ESL and high ESR decoupling is
used. A low ESL ceramic capacitor is located close to
the module minimizing high frequency noise conduction.
High ESR tantalum capacitors are included to minimize
board resonances and prevent voltage spikes due to hot
plugging of the input supply voltage.
EMI performance is shown in Figure 1, measured using
a gigahertz transverse electromagnetic (GTEM) cell and
method detailed in IEC 61000-4-20, “Testing and Mea-
surement Techniques—Emission and Immunity Testing
in Transverse Electromagnetic Waveguides”.
FREQUENCY (MHz)
0
–30
–20
0
10
20
600 700 800 900
60
DC1746A F01
–10
100 200 300 400 500
1000
30
40
50
DETECTOR = QuasiPeak
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
DC1746A-B
CISPR 22 CLASS B LIMIT
Figure 1. DC1746A Radiated Emissions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com