Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2881
Description  LTM2881: Isolated RS485/RS422 μModule Transceiver Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 3 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1746af
DEMO MANUAL DC1746A
QUICK START PROCEDURE
Figure 2. Demo Board Setup
Demonstration circuit 1746A is easy to set up and evalu-
ate the performance of the LTM2881. Refer to Figure 2
for proper measurement equipment setup and follow the
procedure below.
NOTE: When measuring the input or output voltage ripple
or high speed signals, care must be taken to avoid a long
ground lead on the oscilloscope probe.
1. Install jumpers in following positions: (all are default
except JP5 and SW1)
JP1 ON
JP2 ON
JP3 ON
JP4 ON
JP5 OFF
SW1 HALF DUPLEX
2. With power off, connect the input power supply to VCC
and GND on pin header J1.
3. Turn on the power at the input.
NOTE: Make sure that the input voltage does not exceed
6V.
4. Check for the proper output voltage. VCC2 = 5V, this can
be measured between probe points V2 and C.
5. Once the proper output voltage is established, connect
a function generator to pin DI and set to square wave
with a low of 0V, high = VCC. Set frequency to 10MHz
(20Mbps). Enable output of function generator.
6. Connect oscilloscope to pin RO and observe 10MHz
waveform. This demonstration shows data that is
transmitted from DI, loops back through half-duplex
connection, and out of RO.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com