Electronic Components Datasheet Search
  English  ▼

X  

DC2134B Datasheet(PDF) 4 Page - Analog Devices

Part # DC2134B
Description  LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2134B Datasheet(HTML) 4 Page - Analog Devices

  DC2134B Datasheet HTML 1Page - Analog Devices DC2134B Datasheet HTML 2Page - Analog Devices DC2134B Datasheet HTML 3Page - Analog Devices DC2134B Datasheet HTML 4Page - Analog Devices DC2134B Datasheet HTML 5Page - Analog Devices DC2134B Datasheet HTML 6Page - Analog Devices DC2134B Datasheet HTML 7Page - Analog Devices DC2134B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DEMO MANUAL DC2134B
Rev. 0
Figure 3. Efficiency vs Load Current (VOUT = 25.2V)
TEST RESULTS
Figure 4. Efficiency vs Input Voltage (VOUT = 25.2V, IOUT = 8A)
Figure 5. Bode Plots for VOUT Voltage Control Loop (VOUT = 27.7V, IOUT = 8A, NTC = SGND)
15VIN
24VIN
55VIN
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
70
75
80
85
90
95
100
dc2134b F03
INPUT VOLTAGE (V)
15
20
25
30
35
40
45
50
55
90
91
92
93
94
95
96
97
98
99
dc2134b F04
PHASE
GAIN
15VIN
24VIN
55VIN
FREQUENCY (Hz)
100
1k
10k
100k 300k
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
–180
–150
–120
–90
–60
–30
0
30
60
90
120
150
180
dc2134b F05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com