Electronic Components Datasheet Search
  English  ▼

X  

DC2134B Datasheet(PDF) 1 Page - Analog Devices

Part # DC2134B
Description  LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2134B Datasheet(HTML) 1 Page - Analog Devices

  DC2134B Datasheet HTML 1Page - Analog Devices DC2134B Datasheet HTML 2Page - Analog Devices DC2134B Datasheet HTML 3Page - Analog Devices DC2134B Datasheet HTML 4Page - Analog Devices DC2134B Datasheet HTML 5Page - Analog Devices DC2134B Datasheet HTML 6Page - Analog Devices DC2134B Datasheet HTML 7Page - Analog Devices DC2134B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
DEMO MANUAL DC2134B
Rev. 0
DESCRIPTION
LTC4020EUHF
High Power Buck-Boost
Multi-Chemistry Battery Charger
Demonstration circuit 2134B is a high power buck-boost
multi-chemistry battery charger featuring the LTC®4020.
The board will accept an input voltage between 15V and
55V. The float voltage of the battery output (BAT) is 25.2V,
with 6.3A maximum charge current. The converter out-
put (VOUT) has a voltage range of 21V to 28V, with 8A
maximum load current. The LTC4020 contains a high
efficiency synchronous buck-boost DC/DC controller and
uses a proprietary average current mode architecture.
All registered trademarks and trademarks are the property of their respective owners.
The LTC4020 battery charger can provide a constant-
current/constant-voltage charge algorithm (CC/CV); a
four-step, three-stage lead-acid battery-charge profile or
constant-current charging (CC). Battery-chemistry type
is selected using onboard jumper JP1.
The LTC4020 data sheet gives a complete description of
the IC operation and application information. The data sheet
must be read in conjunction with this quick start guide.
Design files for this circuit board are available.
PERFORMANCE SUMMARY Specifications are at T
A = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
15
55
V
Battery Float Voltage (BAT) (Nominal)
IBAT = 0A to 6.3A
25.2
V
Converter Output Voltage (VOUT)
IOUT = 0A to 8A
21
28
V
Maximum Battery Charge Current, IBAT
IOUT = 0A
6.3
A
Maximum Converter Output Current, IOUT
IBAT = 0A
8
A
Typical Efficiency
VIN = 24V, VOUT = 25.2V, IOUT = 8A
98
%
Typical Converter Output Ripple
VIN = 55V, VOUT = 27.7V, IOUT = 8A (20MHz BW)
127
mVP-P


Similar Part No. - DC2134B

ManufacturerPart #DatasheetDescription
logo
DEWALT
DC213KA DEWALT-DC213KA Datasheet
63Kb / 2P
Hammer Drills - Cordless
DC213KB DEWALT-DC213KB Datasheet
63Kb / 2P
Hammer Drills - Cordless
More results

Similar Description - DC2134B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020_15 Datasheet
358Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
LTC4013EUFD LINER-LTC4013EUFD Datasheet
875Kb / 14P
60V Synchronous Buck Multi-Chemistry Battery Charger
LTC4020EUHF LINER-LTC4020EUHF Datasheet
370Kb / 8P
High Power Buck-Boost Multi-Chemistry Battery Charger
LTC4020 LINER-LTC4020 Datasheet
420Kb / 42P
55V Buck-Boost Multi-Chemistry Battery Charger
LTC4013 LINER-LTC4013 Datasheet
1Mb / 38P
60V Synchronous Buck Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com