Electronic Components Datasheet Search
  English  ▼

X  

DC2134B Datasheet(PDF) 5 Page - Analog Devices

Part # DC2134B
Description  LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2134B Datasheet(HTML) 5 Page - Analog Devices

  DC2134B Datasheet HTML 1Page - Analog Devices DC2134B Datasheet HTML 2Page - Analog Devices DC2134B Datasheet HTML 3Page - Analog Devices DC2134B Datasheet HTML 4Page - Analog Devices DC2134B Datasheet HTML 5Page - Analog Devices DC2134B Datasheet HTML 6Page - Analog Devices DC2134B Datasheet HTML 7Page - Analog Devices DC2134B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
DEMO MANUAL DC2134B
Rev. 0
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Electrical Components
1
2
C1, C5
CAP., 0.22μF, X7R, 16V, 10%, 0402, AEC-Q200
MURATA, GCM155R71C224KE02D
2
1
C11
CAP., 4.7μF, X7R, 10V, 10%, 0603
MURATA, GRM188Z71A475KE15D
3
1
C12
CAP., 0.1μF, X7R, 10V, 10%, 0402
MURATA, GRM155R71A104KA01D
4
1
C13
CAP., 0.022μF, X7R, 25V, 10%, 0603, AEC-Q200
KEMET, C0603C223K3RACAUTO
5
4
C14, C18, C27, C28
CAP., 10μF, X7R, 35V, 10%, 1210
AVX, 1210DD106KAT2A
6
2
C15, C17
CAP., 220μF, ALUM POLY HYB, 35V, 20%,
10mm × 12.5mm, SMD, AEC-Q200
SUN ELECTRONIC INDUSTRIES CORP, 35HVH220M
7
2
C16, C23
CAP., 4.7μF, X7S, 100V, 10%, 1210, AEC-Q200
MURATA, GCM32DC72A475KE02L
8
2
C19, C20
CAP., 1μF, X7R, 16V, 10%, 0603
KEMET, C0603C105K4RAC7867
9
2
C2, C3
CAP., 56μF, ALUM POLY HYB, 63V, 20%,
10mm × 112.5mm SMD, AEC-Q200
SUN ELECTRONIC INDUSTRIES CORP, 63HVH56M
10
2
C21, C42
CAP., 10μF, X7R, 16V, 10%, 0805
TAIYO YUDEN, EMK212BB7106MG-T
11
2
C39, C40
CAP., 0.22μF, X7R, 10V, 10%, 0402
MURATA, GRM155R71A224KE01D
12
1
C4
CAP., 100pF, C0G, 50V, 5%, 0402
AVX, 04025A101JAT2A
13
2
C41, C43
CAP., 0.01μF, X7R, 100V, 10%, 0603, AEC-Q200
MURATA, GCJ188R72A103KA01D
14
1
C44
CAP., 0.01μF, X7R, 50V, 10%, 1206
KEMET, C1206C103K5RAC7025
15
1
C45
CAP., 1μF, X7R, 50V, 10%, 0603
AVX, 06035C105KAT2A
16
1
C8
CAP., 270pF, C0G, 50V, 5%, 0603
AVX, 06035A271JAT2A
17
3
D1, D2, D7
DIODE, SBR, 60V, 500mA, SOD123
DIODES INC., SBR0560S1Q-7
18
1
D3
LED, RED, WATER-CLEAR, 0603
LITE-ON, LTST-C193KRKT-5A
19
1
D4
LED, GREEN, WATER-CLEAR, 0603
LITE-ON, LTST-C190KGKT
20
2
D5, D6
DIODE, SCHOTTKY RECTIFIER, 60V, 3A,
4.6mm × 2.92mm
DIODES INC., B360A-13-F
21
1
D8
DIODE, ZENER, 12V, 500mW, SOD123, AEC-Q101
DIODES INC., BZT52C12-13-F
22
1
L1
IND., 5.6μH, SHIELDED WIREWOUND, 20%, 19A,
18.30mm × 18.20mm SMT
WURTH ELEKTRONIK, 7443556560
23
1
Q1
XSTR., MOSFET, P-CH, 60V, 8.6A, PowerPAK SO-8
VISHAY, Si7461DP-T1-GE3
24
4
Q2, Q3, Q4, Q7
XSTR., MOSFET, N-CH, 60V, 93A, DFN5 (SO-8FL),
AEC-Q101
ONSEMI, NTMFS5C646NLT1G
25
2
R1, R17
RES., 0Ω, JUMPER, 0603, AEC-Q200
KOA SPEER, RK73Z1JTTDD
26
1
R11
RES., 24.9k, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F2492TRF
27
1
R12
RES., 226k, 1%, 1/16W, 0402, AEC-Q200
NIC, NRC04F2263TRF
28
1
R14
RES., 10k, 1%, 1/10W, 0402, AEC-Q200
KOA SPEER, RK73H1ETTP1002F
29
1
R16
RES., 82.5k, 1%, 1/10W, 0603, AEC-Q200
PANASONIC, ERJ3EKF8252V
30
2
R18, R20
RES., 100Ω, 1%, 1/16W, 0402, AEC-Q200
KOA SPEER, RK73H1ETTP1000F
31
1
R19
RES., 20Ω, 1%, 1/16W, 0402, AEC-Q200
NIC, NRC04F20R0TRF
32
1
R2
RES., 511k, 1%, 1/16W, 0402, AEC-Q200
NIC, NRC04F5113TRF
33
4
R22-R25
RES., 10Ω, 1%, 1/16W, 0402
YAGEO, RC0402FR-0710RL
34
2
R26, R27
RES., 2k, 1%, 1/16W, 0402, AEC-Q200
VISHAY, CRCW04022K00FKED
35
2
R28, R42
RES., 0.002Ω, 2%, 3W, 2512, LONG-SIDE TERM.,
METAL, AEC-Q200
SUSUMU, KRL6432E-M-R002-G-T1
36
2
R3, R13
RES., 100k, 1%, 1/16W, 0402, AEC-Q200
NIC, NRC04F1003TRF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com