Electronic Components Datasheet Search
  English  ▼

X  

DC2134B Datasheet(PDF) 6 Page - Analog Devices

Part # DC2134B
Description  LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC2134B Datasheet(HTML) 6 Page - Analog Devices

  DC2134B Datasheet HTML 1Page - Analog Devices DC2134B Datasheet HTML 2Page - Analog Devices DC2134B Datasheet HTML 3Page - Analog Devices DC2134B Datasheet HTML 4Page - Analog Devices DC2134B Datasheet HTML 5Page - Analog Devices DC2134B Datasheet HTML 6Page - Analog Devices DC2134B Datasheet HTML 7Page - Analog Devices DC2134B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DEMO MANUAL DC2134B
Rev. 0
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
37
2
R35, R37
RES., 0Ω, 5%, 1/16W, 0402
ROHM, MCR01MZPJ000
38
1
R4
RES., 51.1k, 1%, 1/16W, 0402, AEC-Q200
STACKPOLE ELECTRONICS, INC., RMCF0402FT51K1
39
1
R40
RES., 0.008Ω, 1%, 1W, 2512
VISHAY, WSL25128L000FEA
40
1
R41
RES., 0Ω, 200A, 2512, COPPER, SENSE
VISHAY, WSL251200000ZEA9
41
1
R43
RES., 1Ω, 1%, 1/10W, 0603
YAGEO, RC0603FR-071RL
42
1
R44
RES., 226k, 0.1%, 1/10W, 0603, HIGH STABILITY
VISHAY, TNPW0603226KBEEA
43
1
R45
RES., 24.9k, 0.1%, 1/8W, 0603, AEC-Q00
VISHAY, TNPW060324K9BEEA
44
1
R5
RES., 825k, 1%, 1/16W, 0402, AEC-Q200
VISHAY, CRCW0402825KFKED
45
2
R6, R7
RES., 20Ω, 1%, 1/10W, 0603
YAGEO, RC0603FR-0720RL
46
1
R9
RES., 226k, 1%, 1/10W, 0603
NIC, NRC06F2263TRF
47
1
U1
IC, 55V BUCK-BOOST BATTERY CHARGER, 38-PIN QFN
ANALOG DEVICES, LTC4020EUHF#PBF
48
1
U2
IC, 250mA, 4V TO 80V LDO LINEAR REG, DFN-12
ANALOG DEVICES, LT3012EDE#PBF
Optional Electrical Components
1
0
C6, C7, C9, C24,
C25, C30, C31
CAP., OPTION, 0603
2
0
C10, C22
CAP., OPTION, 0402
3
0
C26, C44
CAP., OPTION, 1206
4
0
C29, C32-C38
CAP., OPTION, 1210
5
0
Q5, Q6, Q8, Q9
XSTR., OPTION, MOSFET, N-CH, DFN5 (SO-8FL)
6
0
R15
RES., OPTION, 0603
7
0
R29, R30, R33, R39
RES., OPTION, 0402
8
0
R31, R32
RES., OPTION, 0805
Hardware: For Demo Board Only
1
7
E1, E2, E10, E11,
E13, E14, E18
TEST POINT, TURRET, 0.094" MTG. HOLE, PCB 0.062 THK
MILL-MAX, 2501-2-00-80-00-00-07-0
2
4
E5, E6, E9, E17
TEST POINT, TURRET, 0.064" MTG. HOLE, PCB 0.062" THK MILL-MAX, 2308-2-00-80-00-00-07-0
3
6
J3, J4, J11, J12,
J15, J16
CONN., BANANA JACK, FEMALE, THT, NON-
INSULATED, SWAGE, 0.218"
KEYSTONE, 575-4
4
1
JP1
CONN., HDR, MALE, 1×4, 2mm, VERT, ST, THT
SULLINS CONNECTOR SOLUTIONS, NRPN041PAEN-RC
5
4
MP1-MP4
STANDOFF, NYLON, SNAP-ON, 0.50"
WURTH ELEKTRONIK, 702935000
6
1
XJP1
CONN., SHUNT, FEMALE, 2-POS, 2mm
SAMTEC, 2SN-BK-G
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com