Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4653
Description  LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 6 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
UG-1356 Rev 0
DEMO MANUAL DC2327A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
0
C1
CAP., OPT, 10×10.2
OPT
2
1
C2
CAP., ALUM., 47μF, 63V, 10×10.5
SUN ELECTRONIC, 63HVP47M
3
0
C3, C19, C20, C21, C22, C23, C25
CAP., OPT, 1210
OPT
4
5
C4, C5, C6, C7, C8
CAP., X7R, 2.2μF, 100V, 10%, 1210
MURATA, GRM32ER72A225KA35L
5
1
C9
CAP., X7R, 0.1μF, 100V, 10%, 0805
MURATA, GRM21BR72A104KAC4K
6
1
C10
CAP., X7R, 1μF, 50V, 10%, 0805
MURATA, GRM21BR71H105KA12L
7
1
C11
CAP., X7R, 3.3nF, 50V, 10%, 0603
MURATA, GRM188R71H332KA01D
8
1
C12
CAP., X7R, 470pF, 50V, 10%, 0603
MURATA GRM188R71H471KA01D
9
1
C13
CAP., X7R, 10nF, 50V, 10%, 0603
MURATA, GRM188R71H103KA01D
10
0
C14, C24
CAP., OPT, 0603
OPT
11
1
C28
CAP., X7R, 1μF, 25V, 10%, 0603
TDK, C1608X7R1E105M080AB
12
3
C15, C16, C17
CAP., X7R, 10μF, 50V, 10%, 1210
MURATA, GRM32ER71H106KA12L
13
0
C18
CAP., OPT, 0805
OPT
14
1
C26
CAP., ALUM., 100μF, 35V, 8×10.5
SUN ELECTRONIC, 35HVP100M
15
0
C27
CAP., OPT, 8×10.5
OPT
16
5
E1-E5
TESTPOINT, TURRET, 0.061"
MILL-MAX, 2308-2-00-80-00-00-07-0
17
8
E6-E13
TESTPOINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
18
0
JP1
HEADER, OPT, 1×3, 0.079
OPT
19
6
J1, J2, J3, J4, J5, J6
JACK, BANANA
KEYSTONE, 575-4
20
0
L1
IND, OPT, 1206
OPT
21
0
L2
IND, OPT, IHLP3232CZ-01
OPT
22
2
R1, R8
RES., CHIP, 240k, 0.1%, 0603
VISHAY, CRCW0603240KFKEA
23
1
R2
RES., 3.3k, 1%, 0603
VISHAY, CRCW06033K3FKEA
24
1
R3
RES., 261k, 1%, 0603
VISHAY, CRCW0603261KFKEA
25
1
R4
RES., 14k, 1%, 0603
VISHAY, CRCW060314K0FKEA
26
2
R5, R10
RES., 10Ω, 1%, 0603
VISHAY, CRCW060310R0FKEA
27
0
R6, R7, R9, R11, R12, R14, R17, R19, R22
RES., OPT, 0603
OPT
28
1
R13
RES., 124k, 1%, 0603
VISHAY, CRCW0603124KFKEA
29
2
R16, R18
RES., 0Ω, 1%, 0603
VISHAY, CRCW06030000Z0EA
30
1
R20
RES., 1Ω, 5%, 0603
VISHAY, CRCW06031R00JNEA
31
1
U1
I.C., LTM4653EY, BGA77-15×9×5.01
ANALOG DEVICES, LTM4653EY#PBF
32
0
XJP1
SHUNT, OPT, 0.079" CENTER
OPT
33
4
(STAND-OFF)
STAND-OFF, NYLON 0.50"
WURTH ELEKTRONIK, 702935000
34
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT, 2327A
35
2
STENCILS TOP AND BOTTOM
STENCIL DC2327A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com