Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4653
Description  LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 1 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
UG-1356 Rev 0
DEMO MANUAL DC2327A
DESCRIPTION
LTM4653
EN55022B Compliant 58V, 4A
Step-Down DC/DC µModule Regulator
Demonstration circuit 2327A is a step-down DC/DC con-
verter with 28V to 58V input voltage, 24V output volt-
age and max 4A output featuring the LTM4653Y. The
LTM®4653 is an ultralow noise, 58V, 4A step-down DC/
DC µModule regulator. It is designed to meet the radi-
ated emissions requirement of EN55022B. A switching
frequency range of 250kHz to 3MHz is supported and
the module can synchronize to an external clock. The
All registered trademarks and trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
BOARD PHOTO
LTM4653 data sheet must be read in conjunction with
this demo manual prior to working on or modifying demo
circuit DC2327A.
Design files for this circuit board are available at
http://www.analog.com/demo/DC2327A
PARAMETER
CONDITION
VALUE
Input Voltage Range
28V to 58V
Output Voltage, VOUT
24V ±2%
Maximum Output Current, IOUT
Derating for Certain Thermal Conditions
4A
Default Operating Frequency
1.2MHz
Efficiency
48VIN, 24VOUT, 4A
93.9%


Similar Part No. - LTM4653

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4653 AD-LTM4653 Datasheet
3Mb / 54P
EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
LTM4653 AD-LTM4653 Datasheet
3Mb / 34P
EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
Rev. B
LTM4653EY#PBF AD-LTM4653EY#PBF Datasheet
3Mb / 34P
EN55022B Compliant 58V, 4A Step‑Down DC/DC μModule Regulator
Rev. B
logo
Linear Technology
LTM4653EYPBF LINER-LTM4653EYPBF Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
More results

Similar Description - LTM4653

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Linear Technology
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com