Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4653
Description  LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 2 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UG-1356 Rev 0
DEMO MANUAL DC2327A
QUICK START PROCEDURE
Demonstration circuit 2327A is easy to set up to evaluate
the performance of the LTM4653Y. Refer to Figure 1 for
the proper measurement equipment setup and follow the
procedure below.
1. With power off, connect the input power supply to VIN
(28V to 58V) and GND (input return).
2. Connect the 24V output load between VOUT (+) and
GND (−) (Initial load: no load).
3. Connect the DVMs to the input and output.
4. Turn on the input power supply and check for the
proper output voltages. VOUT should be 24V ±2%.
5. Once the proper output voltages are established, adjust
the loads within the operating range and observe the
output voltage regulation, ripple voltage and other
parameters.
Note: When measuring the output or input voltage
ripple, do not use the long ground lead on the oscil-
loscope probe. See Figure 2 for the proper scope probe
technique. Short, stiff leads need to be soldered to
the (+) and (−) terminals of an output capacitor. The
probe’s ground ring needs to touch the (−) lead and
the probe tip needs to touch the (+) lead.
WARNING: The voltage at the VIN pin of the LTM4653
during a hot-plugging condition can ring to twice the
nominal input voltage, possibly exceeding the LTM4653’s
rating and damaging the part. See the Hot-Plugging
Safety  section in the LTM4653 data sheet for proper
implementation.
Optional 12VOUT
Besides the default 24V output voltage which shows the
full capacity of LTM4653, it is very easy to customize
the DC2327A demo board to make other output voltages
available. As an example, to implement 12VOUT with 14V
to 58V VIN.
1. Change R4 from 14k to 30k. This sets the minimum
operation input voltage, 14V for this case.
2. Change R1 and R8 from 240k to 121k. This sets the
output voltage, 12V for this case.
Check the input and output capacitor voltage rating. And
then it is done.
However, to maximize the efficiency of the regulator for
different input voltage, the switching frequency can be
adjusted by changing R13. For the recommended switch-
ing frequency for given input voltage and given output
voltage, please refer to the LTM4653 data sheet.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com