Electronic Components Datasheet Search
  English  ▼

X  

LTM4653 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4653
Description  LTM4653 EN55022B Compliant 58V, 4A Step-Down DC/DC μModule Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4653 Datasheet(HTML) 3 Page - Analog Devices

  LTM4653 Datasheet HTML 1Page - Analog Devices LTM4653 Datasheet HTML 2Page - Analog Devices LTM4653 Datasheet HTML 3Page - Analog Devices LTM4653 Datasheet HTML 4Page - Analog Devices LTM4653 Datasheet HTML 5Page - Analog Devices LTM4653 Datasheet HTML 6Page - Analog Devices LTM4653 Datasheet HTML 7Page - Analog Devices LTM4653 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
UG-1356 Rev 0
DEMO MANUAL DC2327A
Figure 1. Proper Measurement Equipment Setup
dc2327a F02
–
+
+
–
IOUT
VOUT
LOAD
IIN
VIN
SHUNT
10m
+
–
–
+
–
+
VIN
28V TO 58V
SHUNT
10m
QUICK START PROCEDURE
Figure 2. Measuring Output Voltage Ripple
Figure 3. Efficiency vs Load Current (VOUT = 24V)
+
–
VOUT
GND
COUT
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
60
65
70
75
80
85
90
95
100
DC2327A F03
28VIN
36VIN
48VIN
58VIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com