Electronic Components Datasheet Search
  English  ▼

X  

74HC112DB Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112DB Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HC112DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
74HC_HCT112
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 9 August 2016
3 of 20
NXP Semiconductors
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration for SO16
Fig 5.
Pin configuration for (T)SSOP16
Table 2.
Pin description
Symbol
Pin
Description
1CP, 2CP
1, 13
clock input (HIGH-to-LOW; edge-triggered)
1K, 2K
2, 12
data input
1J, 2J
3, 11
data input
1SD, 2SD
4, 10
set input (active LOW)
1Q, 2Q
5, 9
true flip-flop output
1Q, 2Q
6, 7
complement flip-flop output
GND
8
ground (0 V)
1RD, 2RD
15, 14
reset input (active LOW)
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com