Electronic Components Datasheet Search
  English  ▼

X  

74HC112DB Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112DB Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC112DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74HC_HCT112
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 9 August 2016
9 of 20
NXP Semiconductors
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
74HCT112
tpd
propagation
delay
nCP to nQ; see Figure 6
[2]
VCC = 4.5 V
-
21
35
-
44
-
53
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
nCP to nQ; see Figure 6
[2]
VCC = 4.5 V
-
23
40
-
50
-
60
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
nRD to nQ, nQ;
see Figure 7
VCC = 4.5 V
-
22
37
-
46
-
56
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
nSD to nQ, nQ;
see Figure 7
VCC = 4.5 V
-
18
32
-
40
-
48
ns
VCC =5V; CL =15pF
-
15
-
-
-
-
-
ns
tt
transition
time
nQ, nQ; see Figure 6
[3]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
nCP HIGH or LOW;
see Figure 6
VCC = 4.5 V
16
8
-
20
-
24
-
ns
nSD, nRD LOW;
see Figure 7
VCC = 4.5 V
18
10
-
23
-
27
-
ns
trec
recovery time nRD to nCP; see Figure 7
VCC = 4.5 V
20
11
-
25
-
30
-
ns
nSD to nCP; see Figure 7
VCC = 4.5 V
20
8-
25
-
30
-
ns
tsu
set-up time
nJ and nK to nCP;
see Figure 6
VCC = 4.5 V
16
7
-
20
-
24
-
ns
th
hold time
nJ and nK to nCP;
see Figure 6
VCC = 4.5 V
0
7-
0
-
0
-
ns
fmax
maximum
frequency
nCP; see Figure 6
VCC = 4.5 V
30
64
-
24
-
20
-
MHz
VCC =5V; CL =15pF
-
70
-
-
-
-
-
MHz
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +85 C
40 C to +125 C Unit
Min Typ[1] Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com