Electronic Components Datasheet Search
  English  ▼

X  

74HC259D Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC259D
Description  8-bit addressable latch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC259D Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC259D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 2 February 2016
8 of 21
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
10. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74HC259
tpd
propagation
delay
D to Qn; see Figure 6
[2]
VCC = 2.0 V
-
58
185
-
230
-
280
ns
VCC = 4.5 V
-
21
37
-
46
-
56
ns
VCC = 5.0 V; CL =15pF
-
18
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
39
-
48
ns
An to Qn; see Figure 7
[2]
VCC = 2.0 V
-
58
185
-
230
-
280
ns
VCC = 4.5 V
-
21
37
-
46
-
56
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
17
31
-
39
-
48
ns
LE to Qn; see Figure 8
[2]
VCC = 2.0 V
-
55
170
-
215
-
255
ns
VCC = 4.5 V
-
20
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
17
-
-
-
-
-
ns
VCC = 6.0 V
-
16
29
-
37
-
43
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 9
VCC = 2.0 V
-
50
155
-
195
-
235
ns
VCC = 4.5 V
-
18
31
-
39
-
47
ns
VCC = 5.0 V; CL =15pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
40
ns
tt
transition time
see Figure 8
[3]
VCC = 2.0 V
-
19
75
-
95
-
119
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
LE HIGH or LOW;
see Figure 8
VCC = 2.0 V
70
17
-
90
-
105
-
ns
VCC = 4.5 V
14
6
-
18
-
21
-
ns
VCC = 6.0 V
12
5
-
15
-
18
-
ns
MR LOW; see Figure 9
VCC = 2.0 V
70
17
-
90
-
105
-
ns
VCC = 4.5 V
14
6
-
18
-
21
-
ns
VCC = 6.0 V
12
5
-
15
-
18
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com