Electronic Components Datasheet Search
  English  ▼

X  

74HC259D Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC259D
Description  8-bit addressable latch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC259D Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC259D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC259D Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 2 February 2016
10 of 21
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC =5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
11. Waveforms
tsu
set-up time
D, An to LE;
see Figure 10 and
Figure 11
VCC = 4.5 V
17
10
-
21
-
26
-
ns
th
hold time
D to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
8-
0
-
0
-
ns
An to LE; see Figure 10
and Figure 11
VCC = 4.5 V
0
4-
0
-
0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC  1.5 V
[4]
-19
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Data input to output propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com