Electronic Components Datasheet Search
  English  ▼

X  

74HC595DB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC595DB
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC595DB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC595DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 25 February 2016
6 of 23
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
8.
Limiting values
[1]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
[2]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
[3]
For DHVQFN16 package: Ptot derates linearly with 4.5 mW/K above 60 C.
9.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO > VCC + 0.5 V
-
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
pin Q7S
-
25
mA
pins Qn
-
35
mA
ICC
supply current
-70
mA
IGND
ground current
70
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO16 package
[1]
-500
mW
SSOP16 package
[2]
-500
mW
TSSOP16 package
[2]
-500
mW
DHVQFN16 package
[3]
-500
mW
Table 5.
Recommended operating conditions
Symbol Parameter
Conditions
74HC595
74HCT595
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
t/V
input transition rise and
fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC =6.0 V
-
-
83
-
-
-
ns/V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com