Electronic Components Datasheet Search
  English  ▼

X  

74HC595DB Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC595DB
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC595DB Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC595DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC595DB Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 25 February 2016
9 of 23
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74HC595
tpd
propagation
delay
SHCP to Q7S; see Figure 8
[2]
VCC = 2 V
-
52
160
-
200
-
240
ns
VCC = 4.5 V
-
19
32
-
40
-
48
ns
VCC = 6 V
-
15
27
-
34
-
41
ns
STCP to Qn; see Figure 9
[2]
VCC = 2 V
-
55
175
-
220
-
265
ns
VCC = 4.5 V
-
20
35
-
44
-
53
ns
VCC = 6 V
-
16
30
-
37
-
45
ns
MR to Q7S; see Figure 11
[3]
VCC = 2 V
-
47
175
-
220
-
265
ns
VCC = 4.5 V
-
17
35
-
44
-
53
ns
VCC = 6 V
-
14
30
-
37
-
45
ns
ten
enable time OE to Qn; see Figure 12
[4]
VCC = 2 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
30
-
38
-
45
ns
VCC = 6 V
-
14
26
-
33
-
38
ns
tdis
disable time OE to Qn; see Figure 12
[5]
VCC = 2 V
-
41
150
-
190
-
225
ns
VCC = 4.5 V
-
15
30
-
38
-
45
ns
VCC = 6 V
-
12
27
-
33
-
38
ns
tW
pulse width
SHCP HIGH or LOW;
see Figure 8
VCC = 2 V
75
17
-
95
-
110
-
ns
VCC = 4.5 V
15
6
-
19
-
22
-
ns
VCC = 6 V
13
5
-
16
-
19
-
ns
STCP HIGH or LOW;
see Figure 9
VCC = 2 V
75
11
-
95
-
110
-
ns
VCC = 4.5 V
15
4
-
19
-
22
-
ns
VCC = 6 V
13
3
-
16
-
19
-
ns
MR LOW; see Figure 11
VCC = 2 V
75
17
-
95
-
110
-
ns
VCC = 4.5 V
15
6
-
19
-
22
-
ns
VCC = 6 V
13
5
-
16
-
19
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com