Electronic Components Datasheet Search
  English  ▼

X  

CM1 Datasheet(PDF) 10 Page - Raspberry Pi Holdings PLC

Part # CM1
Description  Raspberry Pi Compute Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM1 Datasheet(HTML) 10 Page - Raspberry Pi Holdings PLC

Back Button CM1 Datasheet HTML 6Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 7Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 8Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 9Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 10Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 11Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 12Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 13Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 14Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Compute Module Datasheet
Copyright Raspberry Pi (Trading) Ltd. 2016
4
Mechanical Specification
The Compute Modules conform to JEDEC MO-224 mechanical specification for 200 pin DDR2 (1.8V)
SODIMM modules (with the exception that the CM3, CM3L modules are 31mm in height rather than
30mm of CM1) and therefore should work with the many DDR2 SODIMM sockets available on the
market. (Please note that the pinout of the Compute Module is not the same as a DDR2 SODIMM
module; they are not electrically compatible.)
The SODIMM form factor was chosen as a way to provide the 200 pin connections using a standard,
readily available and low cost connector compatible with low cost PCB manufacture.
The maximum component height on the underside of the Compute Module is 1.2mm.
The maximum component height on the top side of the Compute Module is 1.5mm.
The Compute Module PCB thickness is 1.0mm +/- 0.1mm.
Note that the location and arrangement of components on the Compute Module may change slightly
over time due to revisions for cost and manufacturing considerations; however, maximum component
heights and PCB thickness will be kept as specified.
Figure 3 gives the CM1 mechanical dimensions. Figure 4 gives the CM3 and CM3L mechanical dimen-
sions.
Figure 3: CM1 Mechanical Dimensions
9
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com